Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTMCC0805FTF6V33R9 Datasheet(PDF) 4 Page - Central Technologies

Part # CTMCC0805FTF6V33R9
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCC0805FTF6V33R9 Datasheet(HTML) 4 Page - Central Technologies

  CTMCC0805FTF6V33R9 Datasheet HTML 1Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 2Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 3Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 4Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 5Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 6Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 7Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 8Page - Central Technologies CTMCC0805FTF6V33R9 Datasheet HTML 9Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DIELETRIC
NPO
EIA
Size
0603
0805
1206
1210
1808
1812
Code
VDCW
200
250
200
250
500
630
200
250
500
630 1000 2000 200
250
500
630 1000 2000 1000 2000 3000 200
250
500
630 1000 2000 3000
0R5
0.5pF
A
A
A
A
1R0
1
A
A
A
A
1R2
1.2
A
A
A
A
1R5
1.5
A
A
AA
B
B
BBBB
1R8
1.8
A
A
AA
B
B
BBBB
2R2
2.2
A
A
AA
B
B
BBBB
D
D
D
2R7
2.7
A
A
AA
B
B
BBBB
D
D
D
3R3
3.3
A
A
AA
B
B
BBBB
D
D
D
3R9
3.9
A
A
AA
B
B
BBBB
D
D
D
4R7
4.7
A
A
AA
B
B
BBBB
D
D
D
5R6
5.6
A
A
AA
B
B
BBBB
D
D
D
6R8
6.8
A
A
AA
B
B
BBBB
D
D
D
8R2
8.2
A
A
AA
B
B
BBBB
D
D
D
100
10pF
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
120
12
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
150
15
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
180
18
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
220
22
S
S
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
270
27
S
S
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
330
33
S
S
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
390
39
S
S
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
470
47
S
S
A
A
AA
B
B
BBBB
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
560
56
S
S
A
A
AA
B
B
BBBB
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
680
68
S
S
A
A
A
A
B
B
B
B
B
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
820
82
S
S
A
A
B
B
B
B
B
B
B
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
101
100pF
S
S
A
A
B
B
B
B
B
B
B
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
121
120
A
A
D
D
B
B
B
B
B
D
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
151
150
B
B
D
D
B
B
B
B
C
D
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
181
180
B
B
D
D
B
B
B
B
C
G
C
C
C
C
C
D
D
D
K
D
D
D
D
D
D
D
221
220
D
D
D
D
B
B
B
B
D
G
C
C
C
C
C
D
D
D
K
D
D
D
D
D
D
D
271
270
D
D
D
D
B
B
C
C
D
C
C
C
C
C
D
D
K
D
D
D
D
D
D
K
331
330
D
D
D
D
B
B
C
C
G
C
C
C
C
D
D
D
K
D
D
D
D
D
D
K
391
390
D
D
D
D
B
B
C
C
G
C
C
C
C
D
D
K
D
D
D
D
D
D
K
471
470
D
C
C
C
C
G
C
C
C
C
D
D
K
D
D
D
D
D
D
K
561
560
D
C
C
C
C
C
C
C
C
K
K
D
D
D
D
D
D
681
680
D
C
C
C
C
C
C
C
C
K
K
D
D
D
D
D
K
821
820
D
C
D
D
D
C
C
C
C
K
D
D
D
D
D
K
102
1000pF
C
G
G
G
C
C
C
C
K
D
D
D
D
K
K
122
1200
C
D
D
D
D
D
D
D
D
K
152
1500
C
D
D
D
D
D
D
D
D
K
182
1800
D
D
D
D
D
D
D
D
D
222
2200
D
D
D
D
D
D
D
272
2700
D
D
D
D
D
D
332
3300
D
D
D
D
D
392
3900
D
D
472
4700
D
562
5600
D
682
6800
D
822
8200
103
0.01μF
123
0.012
153
0.015
183
0.018
223
0.022
273
0.027
333
0.033μF
The letter in cell is expressed the symbol of product thickness.
CAPACITANCE & VOLTAGE (NPO 200V~3KV)
CTMCC Series
02.26.07


Similar Part No. - CTMCC0805FTF6V33R9

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1008 CT-CTMC1008 Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-100M CT-CTMC1008-100M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-101M CT-CTMC1008-101M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-120M CT-CTMC1008-120M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-150M CT-CTMC1008-150M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMCC0805FTF6V33R9

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com