Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTMCC0402DTB6V33R9 Datasheet(PDF) 7 Page - Central Technologies

Part # CTMCC0402DTB6V33R9
Description  Multilayer Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCC0402DTB6V33R9 Datasheet(HTML) 7 Page - Central Technologies

  CTMCC0402DTB6V33R9 Datasheet HTML 1Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 2Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 3Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 4Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 5Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 6Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 7Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 8Page - Central Technologies CTMCC0402DTB6V33R9 Datasheet HTML 9Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
CTMCC Series
CAPACITANCE & VOLTAGE (X5R)
DIELECTRIC
X6S
X5R
EIA
Size
0402
0603
0805
1206
Code
VDCW
6.3V
10V
16V
6.3V
10V
16V
6.3V
6.3V
10V
16V
273
0.027 F
N
333
0.033
N
393
0.039
N
473
0.047
N
563
0.056
N
N
683
0.068
N
N
823
0.082
N
N
104
0.10 F
N
N
154
0.15
224
0.22
N
334
0.33
X
X
474
0.47
X
X
684
0.68
X
X
X
105
1.0 F
X
X
155
1.5
J
225
2.2
I
J
J
335
3.3
P
P
475
4.7
I
P
P
685
6.8
P
P
106
10 F
I
P
P
226
22 F
476
47 F
µ
µ
µ
µ
µ
µ
02.26.07


Similar Part No. - CTMCC0402DTB6V33R9

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1008 CT-CTMC1008 Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-100M CT-CTMC1008-100M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-101M CT-CTMC1008-101M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-120M CT-CTMC1008-120M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008-150M CT-CTMC1008-150M Datasheet
199Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTMCC0402DTB6V33R9

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com