Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSQ-5245M9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSQ-5245M9
Description  0.52 Inch Quad Digit Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-5245M9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSQ-5245M9 Datasheet HTML 1Page - China Semiconductor Corporation CSQ-5245M9 Datasheet HTML 2Page - China Semiconductor Corporation CSQ-5245M9 Datasheet HTML 3Page - China Semiconductor Corporation CSQ-5245M9 Datasheet HTML 4Page - China Semiconductor Corporation CSQ-5245M9 Datasheet HTML 5Page - China Semiconductor Corporation CSQ-5245M9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
10
-
mcd
IF=10mA
q
-
572
-
nm
IF=20mA
Od
-
570
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
Reverse Current
Dominant Wavelength
A
http://www.csctw.com.tw
Model No CSQ-5244/5245M9
PS-ND-08090221
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Similar Part No. - CSQ-5245M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSQ-5245A9 CHINASEMI-CSQ-5245A9 Datasheet
199Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5245B7 CHINASEMI-CSQ-5245B7 Datasheet
197Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5245E CHINASEMI-CSQ-5245E Datasheet
200Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5245G CHINASEMI-CSQ-5245G Datasheet
203Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5245T9 CHINASEMI-CSQ-5245T9 Datasheet
199Kb / 6P
   0.52 Inch Quad Digit Display
More results

Similar Description - CSQ-5245M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSQ-5244E CHINASEMI-CSQ-5244E Datasheet
200Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5244G CHINASEMI-CSQ-5244G Datasheet
203Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5244V9 CHINASEMI-CSQ-5244V9 Datasheet
194Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5244T9 CHINASEMI-CSQ-5244T9 Datasheet
199Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5244A9 CHINASEMI-CSQ-5244A9 Datasheet
199Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5244S CHINASEMI-CSQ-5244S Datasheet
200Kb / 6P
   0.52 Inch Quad Digit Display
CSQ-5244B7 CHINASEMI-CSQ-5244B7 Datasheet
197Kb / 6P
   0.52 Inch Quad Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-521SR PARALIGHT-C-521SR Datasheet
147Kb / 10P
   0.52 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CST-5234B7 CHINASEMI-CST-5234B7 Datasheet
197Kb / 6P
   0.52 Inch Triad Digit Display
CSS-516B7 CHINASEMI-CSS-516B7 Datasheet
185Kb / 6P
   0.52 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com