Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSQ-2841M9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSQ-2841M9
Description  0.28 Inch Quad Digit Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSQ-2841M9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSQ-2841M9 Datasheet HTML 1Page - China Semiconductor Corporation CSQ-2841M9 Datasheet HTML 2Page - China Semiconductor Corporation CSQ-2841M9 Datasheet HTML 3Page - China Semiconductor Corporation CSQ-2841M9 Datasheet HTML 4Page - China Semiconductor Corporation CSQ-2841M9 Datasheet HTML 5Page - China Semiconductor Corporation CSQ-2841M9 Datasheet HTML 6Page - China Semiconductor Corporation CSQ-2841M9 Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Internal Circuit Diagrams -
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Page
2/5
70
Model No CSQ-2842/2841M9
5
90
25
Parameter
Rating
PS-ND-08090205
A
-35 ~ +85
http://www.csctw.com.tw
Derating Linear From 25
Per Dice
0.33
Operating Temp.
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Reverse Voltage Per Dice
Power Dissipation Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Continuous Forward Current Per Dice


Similar Part No. - CSQ-2841M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSQ-2841 CHINASEMI-CSQ-2841 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2841A9 CHINASEMI-CSQ-2841A9 Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2841B7 CHINASEMI-CSQ-2841B7 Datasheet
201Kb / 7P
   0.28 Inch Quad Digit Display
CSQ-2841G CHINASEMI-CSQ-2841G Datasheet
207Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2841S CHINASEMI-CSQ-2841S Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
More results

Similar Description - CSQ-2841M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSQ-2842G CHINASEMI-CSQ-2842G Datasheet
207Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842B7 CHINASEMI-CSQ-2842B7 Datasheet
201Kb / 7P
   0.28 Inch Quad Digit Display
CSQ-2842 CHINASEMI-CSQ-2842 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842V9 CHINASEMI-CSQ-2842V9 Datasheet
198Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842S CHINASEMI-CSQ-2842S Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842T9 CHINASEMI-CSQ-2842T9 Datasheet
205Kb / 6P
   0.28 Inch Quad Digit Display
CSQ-2842A9 CHINASEMI-CSQ-2842A9 Datasheet
204Kb / 6P
   0.28 Inch Quad Digit Display
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com