Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC784 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LBC784
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC784 Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC784 Datasheet HTML 1Page - Texas Instruments SN75LBC784 Datasheet HTML 2Page - Texas Instruments SN75LBC784 Datasheet HTML 3Page - Texas Instruments SN75LBC784 Datasheet HTML 4Page - Texas Instruments SN75LBC784 Datasheet HTML 5Page - Texas Instruments SN75LBC784 Datasheet HTML 6Page - Texas Instruments SN75LBC784 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75LBC784
QUADRUPLE RS-423-B DRIVER/RECEIVER
SLLS187A – NOVEMBER 1994 – REVISED AUGUST 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Four Independent Drivers and Receivers
D Driver Slew Rate Controlled by a Single
Resistor
D Fast Driver Transition Times Down to
1.5
µs and Receiver Transition Times of
20 ns Typ
D Internal Thermal-Overload Protection
D RS-423-B Inputs and Outputs Designed to
Withstand
±25 V
D ESD Protection Exceeds 2000 V Per
MIL-STD-833C Method 3015
D LinBICMOS™ Process Technology
description
The SN75LBC784 performs as four independent
RS-423-B driver/receiver pairs designed to
interface data terminal equipment (DTE) with data
circuit-terminating equipment (DCE) at rates up to
120 kbps and distances to 1.2 km. The
SN75LBC784 provides an upgrade to the RS-232
serial interface and can be backward compatible
with existing serial ports while offering the higher
performance required by new faster peripherals,
such as v.34 (v.fast) modems. The RS-232
standard, and subsequent revisions, only support
data rates up to 20 kbps over about 15 meters of
cable. For RS-423-B the data rate is increased to
120 kbps and transmission distance to 1.2 km by
reducing the maximum output signal swing,
increasing the driver output current, and reducing
the receiver input voltage thresholds.
The receivers consist of differential comparators with hysteresis and resistive attenuation on the inputs. The
resistive attenuation improves the input common mode range and also provides additional protection from ESD
and over-voltage stress. The differential and common mode input impedances are sufficiently high to meet
RS-423-B. When a differential voltage input of 500 mV is applied across the entire common mode range ( see
Figure 5), the receiver characteristics and bias voltage allow the receiver to remain in its intended binary state.
The drivers meet all RS-423-B specifications with built-in current limits and thermal-overload protection.
Slew-rate controlling circuitry is included in the design, which is adjusted to suit the application by means of an
external resistor (Rws). The slew rate controlling circuitry also has a default mode – if the Rws pin is shorted to
5 V externally, the transistion time defaults to approximately 1.5 ms. The BIAS input, when shorted to 5 V
externally, provides the internal node voltages. The receiver is compatible to RS-232 with the use of external
input resistors to meet the RS-232 input resistance specification of 3 k
Ω to 7 kΩ.
The SN75LBC784 is characterized for operation over the temperature range of 0
°C to 70°C.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
3A
3Z
BIAS
4A
4Z
BIAS
VSS
GND
4B
4Y
3B
3Y
3C
4C
BIAS
2Z
2A
BIAS
1Z
1A
Rws
VDD
1Y
1B
2Y
2B
2C
1C
DW PACKAGE
(TOP VIEW)
INPUTS
OUTPUTS
L
H
L
H
FUNCTION TABLE
AB
L
L
H
H
H
H
L
L
H
H
L
L
ZY
H
L
H
L
H = high level,
L = low level,
X = irrelevant,
Z = high impedance (off)
? = indeterminate
L
H
L
H
L
L
H
H
L
L
H
H
?
?
?
?
H
L
H
L
C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN75LBC784

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC784 TI1-SN75LBC784 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784DW TI1-SN75LBC784DW Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784DWG4 TI1-SN75LBC784DWG4 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784DWR TI1-SN75LBC784DWR Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784DWRG4 TI1-SN75LBC784DWRG4 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
More results

Similar Description - SN75LBC784

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC784 TI1-SN75LBC784_11 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC786 TI-SN75LBC786 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Analog Devices
ADM5180 AD-ADM5180_15 Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5180JPZ AD-ADM5180JPZ Datasheet
109Kb / 6P
   Octal, RS-232/RS-423 Line Receiver
REV. 0
ADM5170 AD-ADM5170 Datasheet
133Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com