Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC777DW Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LBC777DW
Description  SINGLE CHIP GEOPORTE/AppleTalkE TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC777DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC777DW Datasheet HTML 3Page - Texas Instruments SN75LBC777DW Datasheet HTML 4Page - Texas Instruments SN75LBC777DW Datasheet HTML 5Page - Texas Instruments SN75LBC777DW Datasheet HTML 6Page - Texas Instruments SN75LBC777DW Datasheet HTML 7Page - Texas Instruments SN75LBC777DW Datasheet HTML 8Page - Texas Instruments SN75LBC777DW Datasheet HTML 9Page - Texas Instruments SN75LBC777DW Datasheet HTML 10Page - Texas Instruments SN75LBC777DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN75LBC777
SINGLE CHIP GEOPORT
™/AppleTalk™ TRANSCEIVER
SLLS227 – SEPTEMBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VI
II
IO
DY1
VO
CL
RL
DA1
SHDN
VI
VO
VO
CL
CL
RL
RL
DY2
IO
IO
DZ2
II
SHDN
DA2
TEST CIRCUIT
DEN or
NOTES: A. CL = 50 pF
B. Driver 3 is a noninverting version of driver 1.
Figure 1. Single-Ended Driver DC Parameter Test Circuits
VI
VOD
DY2
DZ2
II
DA2
60
60
50 pF
TEST CIRCUIT
IO
SHDN
DEN or
Figure 2. Differential Driver DC Parameter Test Circuit
VI
VOD
DY2
DZ2
DA2
60
60
15 pF
TEST CIRCUIT (see Note A)
VOC
1.5 V
1.5 V
VOC(PP)
VOC(SS)
3 V
0 V
0 V
VI
VOC
VOLTAGE WAVEFORM
SHDN
DEN or
NOTE A. Measured 3dB Bandwidth = 300 MHz
Figure 3. Differential Driver Common-Mode Output Voltage Test Circuit and Waveform


Similar Part No. - SN75LBC777DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC771 TI-SN75LBC771 Datasheet
199Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
SN75LBC771 TI1-SN75LBC771 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771DW TI-SN75LBC771DW Datasheet
199Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
SN75LBC771DW TI1-SN75LBC771DW Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
SN75LBC771DWG4 TI1-SN75LBC771DWG4 Datasheet
275Kb / 14P
[Old version datasheet]   GEOPORT TRANSCEIVER
More results

Similar Description - SN75LBC777DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC776 TI-SN75LBC776 Datasheet
208Kb / 14P
[Old version datasheet]   SINGLE-CHIP GeoPortE TRANSCEIVER
SN75LBC775 TI-SN75LBC775 Datasheet
152Kb / 11P
[Old version datasheet]   SINGLE-CHIP APPLETALKE AND LOCALTALKE TRANSCEIVER
SN75LBC771 TI-SN75LBC771 Datasheet
199Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
   DECT Single-Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com