Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLQ1206NF-2R2M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLQ1206NF-2R2M
Description  Wire-wound Chip Inductors - Open
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLQ1206NF-2R2M Datasheet(HTML) 1 Page - Central Technologies

  CTLQ1206NF-2R2M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.09.07
Size
A
B
C
D
E
F
G
Min.
Min.
mm
3.2±0.3
1.8±0.2
2.3±0.2
1.6±0.2
1.6±0.2
0.7
0.7
inches 0.13±0.01 0.07±0.008 0.09±0.008 0.06±0.008 0.06±0.008
0.03
0.03
L Test
Q
Q Test
DCR
SRF
Allowable
Part
Inductance
Freq.
Fact.
Freq.
Max.
Min.
Current
Number
(µH)
(MHz)
Min.
(MHz)
(
Ω
Ω)
(MHz)
(mA)
CTLQ1206NF-R15_*
0.15
1.0
20
25.0
0.54
250
250
CTLQ1206NF-R22_*
0.22
1.0
20
25.0
0.60
250
240
CTLQ1206NF-R33_*
0.33
1.0
30
25.0
0.63
250
230
CTLQ1206NF-R47_*
0.47
1.0
30
25.0
1.16
200
215
CTLQ1206NF-R56_*
0.56
1.0
30
25.0
0.85
180
200
CTLQ1206NF-R68_*
0.68
1.0
30
25.0
0.93
160
190
CTLQ1206NF-R82_*
0.82
1.0
30
25.0
1.02
120
185
CTLQ1206NF-1R0_*
1.0
1.0
35
10.0
0.63
100
175
CTLQ1206NF-1R2_*
1.2
1.0
35
10.0
1.17
90
165
CTLQ1206NF-1R5_
1.5
1.0
35
10.0
1.30
75
155
CTLQ1206NF-1R8_
1.8
1.0
35
10.0
2.08
60
150
CTLQ1206NF-2R2_
2.2
1.0
35
10.0
0.91
50
140
CTLQ1206NF-2R7_
2.7
1.0
35
10.0
0.71
43
135
CTLQ1206NF-3R3_
3.3
1.0
35
8.0
1.82
38
130
CTLQ1206NF-3R9_
3.9
1.0
35
8.0
1.95
35
125
CTLQ1206NF-4R7_
4.7
1.0
35
8.0
2.21
31
120
CTLQ1206NF-5R6_
5.6
1.0
35
8.0
2.34
28
115
CTLQ1206NF-6R8_
6.8
1.0
35
8.0
2.60
25
110
CTLQ1206NF-8R2_
8.2
1.0
35
8.0
2.86
23
105
CTLQ1206NF-100_
10
1.0
35
5.0
3.25
20
100
CTLQ1206NF-120_
12
1.0
35
5.0
3.51
18
95
CTLQ1206NF-150_
15
1.0
35
5.0
3.90
16
90
CTLQ1206NF-180_
18
1.0
35
5.0
4.42
15
85
CTLQ1206NF-220_
22
1.0
40
2.5
4.03
14
85
CTLQ1206NF-270_
27
1.0
40
2.5
4.42
13
85
CTLQ1206NF-330_
33
1.0
40
2.5
4.94
12
80
CTLQ1206NF-390_
39
1.0
40
2.5
9.36
11
55
CTLQ1206NF-470_
47
1.0
40
2.5
10.4
10
55
CTLQ1206NF-560_
56
1.0
40
2.5
11.57
9.0
50
CTLQ1206NF-680_
68
1.0
40
2.5
12.87
8.5
50
CTLQ1206NF-820_
82
1.0
40
2.5
14.30
7.5
45
CTLQ1206NF-101_
100
1.0
40
2.5
15.60
7.0
45
CTLQ1206NF
Series
From 0.15 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD wire-wound chip inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: J = ±5%, K = ±10%, M = ±20%
Packaging: Tape & Reel
Testing: Tested on a HP4285A @ specified frequency
Pads: Soft copper and pre-tinned
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
C
F
F
G
B
E
D
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLQ1206NF-R15_
J = ±5%, K = ±10%, M = ±20%
* = K or M only,
RoHS
Compliant


Similar Part No. - CTLQ1206NF-2R2M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLQ1206C CT-CTLQ1206C Datasheet
161Kb / 1P
   Power Inductors - Unshielded
CTLQ1206C-100J CT-CTLQ1206C-100J Datasheet
161Kb / 1P
   Power Inductors - Unshielded
CTLQ1206C-100K CT-CTLQ1206C-100K Datasheet
161Kb / 1P
   Power Inductors - Unshielded
CTLQ1206C-100M CT-CTLQ1206C-100M Datasheet
161Kb / 1P
   Power Inductors - Unshielded
CTLQ1206C-101J CT-CTLQ1206C-101J Datasheet
161Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTLQ1206NF-2R2M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
   Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
   Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com