Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C185N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C185N
Description  LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C185N Datasheet(HTML) 4 Page - Texas Instruments

  SN75C185N Datasheet HTML 1Page - Texas Instruments SN75C185N Datasheet HTML 2Page - Texas Instruments SN75C185N Datasheet HTML 3Page - Texas Instruments SN75C185N Datasheet HTML 4Page - Texas Instruments SN75C185N Datasheet HTML 5Page - Texas Instruments SN75C185N Datasheet HTML 6Page - Texas Instruments SN75C185N Datasheet HTML 7Page - Texas Instruments SN75C185N Datasheet HTML 8Page - Texas Instruments SN75C185N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN75C185
LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SLLS065F – AUGUST 1989 – REVISED JANUARY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VSS
– 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Driver
VSS to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
– 30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO: Driver
VSS– 6 V to VDD + 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to network GND.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
4.5
12
13.2
V
Supply voltage
VSS
– 4.5
–12
– 13.2
V
VCC
4.5
5
6
V
VI
Input voltage (see Note 3)
Drivers
VSS +2
VDD
V
VI
Input voltage (see Note 3)
Receivers
–25
25
V
VIH
High-level input voltage
Drivers
2
V
VIL
Low-level input voltage
Drivers
0.8
V
IOH
High-level output current
Receivers
–1
mA
IOL
High-level output current
Receivers
3.2
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only, e.g., if – 10 V is a maximum, the typical value is a more negative voltage.
supply currents
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current from VDD
No load,
VDD = 5 V,
VSS = – 5 V
115
200
µA
IDD
Supply current from VDD
,
All inputs at 2 V or 0.8 V
VDD = 12 V,
VSS = – 12 V
115
200
µA
ISS
Supply current from VSS
No load,
VDD = 5 V,
VSS = – 5 V
–115
– 200
µA
ISS
Supply current from VSS
,
All inputs at 2 V or 0.8 V
VDD = 12 V,
VSS = – 12 V
–115
– 200
µA
ICC
Supply current from VCC
No load
VDD = 5 V,
VSS = – 5 V
750
µA
ICC
Supply current from VCC
All inputs at 0 or 5 V
VDD = 12 V,
VSS = – 12 V
750
µA


Similar Part No. - SN75C185N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185N TI-SN75C185N Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185N TI1-SN75C185N Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185NE4 TI-SN75C185NE4 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185NE4 TI1-SN75C185NE4 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75C185N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241_06 Datasheet
206Kb / 10P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com