Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-88141V9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSM-88141V9
Description  1.5 Inch 8X8 Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-88141V9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-88141V9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-88141V9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-88141V9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-88141V9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-88141V9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-88141V9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
1.5 Inch 8X8 Dot-Matrix Display
Dot Pitch 5.0mm
CSM-88131: Column Anode, Row Cathode
CSM-88141: Column Cathode, Row Anode
Emitting Color: Super Bright Orange
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PREPARED BY
PS-ND-08090301
A
Model No CSM-88131V9/88141V9
CUSTOMER APPROVED
SIGNATURES


Similar Part No. - CSM-88141V9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88141A9 CHINASEMI-CSM-88141A9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88141E CHINASEMI-CSM-88141E Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88141G CHINASEMI-CSM-88141G Datasheet
213Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88141M9 CHINASEMI-CSM-88141M9 Datasheet
219Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88141S CHINASEMI-CSM-88141S Datasheet
208Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-88141V9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88181EG CHINASEMI-CSM-88181EG Datasheet
274Kb / 7P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131M9 CHINASEMI-CSM-88131M9 Datasheet
219Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137V9 CHINASEMI-CSM-88137V9 Datasheet
209Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131G CHINASEMI-CSM-88131G Datasheet
213Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137A9 CHINASEMI-CSM-88137A9 Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137S CHINASEMI-CSM-88137S Datasheet
215Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88137T9 CHINASEMI-CSM-88137T9 Datasheet
216Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131A9 CHINASEMI-CSM-88131A9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88131T9 CHINASEMI-CSM-88131T9 Datasheet
210Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com