Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C1154DW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1154DW
Description  QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C1154DW Datasheet(HTML) 4 Page - Texas Instruments

  SN75C1154DW Datasheet HTML 1Page - Texas Instruments SN75C1154DW Datasheet HTML 2Page - Texas Instruments SN75C1154DW Datasheet HTML 3Page - Texas Instruments SN75C1154DW Datasheet HTML 4Page - Texas Instruments SN75C1154DW Datasheet HTML 5Page - Texas Instruments SN75C1154DW Datasheet HTML 6Page - Texas Instruments SN75C1154DW Datasheet HTML 7Page - Texas Instruments SN75C1154DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN75C1154
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SLLS151C – DECEMBER 1988 – REVISED MARCH 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over operating free-air temperature range, VDD = 12 V, VSS = –12 V,
VCC = 5 V ±10% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
VIL = 0.8 V,
RL = 3 kΩ,
VDD = 5 V,
VSS = – 5 V
4
4.5
V
VOH
High-level output voltage
IL
,
See Figure 1
L
,
VDD = 12 V,
VSS = – 12 V
10
10.8
V
VOL
Low-level output voltage
VIH = 2 V,
RL = 3 kΩ,
VDD = 5 V,
VSS = – 5 V
– 4.4
–4
V
VOL
g
(see Note 2)
IH
,
See Figure 1
L
,
VDD = 12 V,
VSS = – 12 V
– 10.7
–10
V
IIH
High-level input current
VI = 5 V,
See Figure 2
1
µA
IIL
Low-level input current
VI = 0,
See Figure 2
–1
µA
IOS(H)
High-level short circuit
VI =0 8V
VO =0orVSS
See Figure 1
75
12
19 5
mA
IOS(H)
g
output current‡
VI = 0.8 V,
VO = 0 or VSS,
See Figure 1
– 7.5
– 12
– 19.5
mA
IOS(L)
Low-level short circuit
VI =2V
VO =0orVDD
See Figure 1
75
12
19 5
mA
IOS(L)
output current‡
VI = 2 V,
VO = 0 or VDD,
See Figure 1
7.5
12
19.5
mA
IDD
Supply current from VDD
No load All inputs at2Vor0 8V
VDD = 5 V,
VSS = – 5 V
115
250
µA
IDD
Supply current from VDD
No load, All inputs at 2 V or 0.8 V
VDD = 12 V
VSS = – 12 V
115
250
µA
ISS
Supply current from VSS
No load All inputs at2Vor0 8V
VDD = 5 V,
VSS = – 5 V
–115
– 250
µA
ISS
Supply current from VSS
No load, All inputs at 2 V or 0.8 V
VDD = 12 V
VSS = – 12 V
–115
– 250
µA
ro
Output resistance
VDD = VSS = VCC = 0,
VO = – 2 V to 2 V,
See Note 3
300
400
† All typical values are at TA = 25°C.
‡ Not more than one output should be shorted at one time.
NOTES:
2. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only.
3. Test conditions are those specified by EIA/TIA-232-E.
switching characteristics, VDD = 12 V, VSS = –12 V, VCC = 5 V ±10%, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level
output§
1.2
3
µs
tPHL
Propagation delay time, high- to low-level
output§
RL = 3 to 7 kΩ, CL = 15 pF,
See Figure 3
2.5
3.5
µs
tTLH Transition time, low- to high-level output¶
0.53
2
3.2
µs
tTHL Transition time, high- to low-level output¶
0.53
2
3.2
µs
tTLH Transition time, low- to high-level output#
RL = 3 to 7 kΩ, CL = 2500 pF, See Figure 3
1
2
µs
tTHL Transition time, high- to low-level output#
RL = 3 to 7 kΩ, CL = 2500 pF, See Figure 3
1
2
µs
SR
Output slew rate
RL = 3 to 7 kΩ, CL = 15 pF,
See Figure 3
4
10
30
V/
µs
§ tPHL and tPLH include the additional time due to on-chip slew rate control and are measured at the 50% points.
¶ Measured between 10% and 90% points of output waveform.
# Measured between 3 V and – 3 V points of output waveform (EIA/TIA-232-E conditions) with all unused inputs tied either high or low.


Similar Part No. - SN75C1154DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1154DW TI-SN75C1154DW Datasheet
361Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154DW TI-SN75C1154DW Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154DW TI1-SN75C1154DW Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154DWE4 TI-SN75C1154DWE4 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C1154DWG4 TI1-SN75C1154DWG4 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
More results

Similar Description - SN75C1154DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154 Datasheet
361Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_06 Datasheet
397Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com