Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS170A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS170A
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS170A Datasheet(HTML) 3 Page - Texas Instruments

  SN75ALS170A Datasheet HTML 1Page - Texas Instruments SN75ALS170A Datasheet HTML 2Page - Texas Instruments SN75ALS170A Datasheet HTML 3Page - Texas Instruments SN75ALS170A Datasheet HTML 4Page - Texas Instruments SN75ALS170A Datasheet HTML 5Page - Texas Instruments SN75ALS170A Datasheet HTML 6Page - Texas Instruments SN75ALS170A Datasheet HTML 7Page - Texas Instruments SN75ALS170A Datasheet HTML 8Page - Texas Instruments SN75ALS170A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN75ALS170, SN75ALS170A
TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SLLS055D – AUGUST 1987 – REVISED SEPTEMBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
EQUIVALENT OF EACH INPUT
Driver Input: R(eq) = 12 kΩ NOM
Enable Inputs: R(eq) = 8 kΩ NOM
R(eq) = equivalent resistor
TYPICAL OF A AND B I/O PORTS
TYPICAL OF RECEIVER OUTPUT
85
NOM
Output
VCC
1.1 k
NOM
3 k
NOM
A or B
18 k
NOM
180 k
NOM
Connected
on A Port
VCC
R(eq)
VCC
Input
180 k
NOM
Connected
on B Port
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal
– 7 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW package
260
°C
. . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential I/O bus voltage, are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
DW
1125 mW
9.0 mW/
°C
720 mW
J
1025 mW
8.2 mW/
°C
656 mW


Similar Part No. - SN75ALS170A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS170A TI-SN75ALS170A Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADW TI-SN75ALS170ADW Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWE4 TI-SN75ALS170ADWE4 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWG4 TI-SN75ALS170ADWG4 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170ADWR TI-SN75ALS170ADWR Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75ALS170A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS1711 TI1-SN75ALS1711 Datasheet
236Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN75ALS170 TI-SN75ALS170_08 Datasheet
571Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVER
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com