Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-57442S Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSM-57442S
Description  4.0Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57442S Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM-57442S Datasheet HTML 1Page - China Semiconductor Corporation CSM-57442S Datasheet HTML 2Page - China Semiconductor Corporation CSM-57442S Datasheet HTML 3Page - China Semiconductor Corporation CSM-57442S Datasheet HTML 4Page - China Semiconductor Corporation CSM-57442S Datasheet HTML 5Page - China Semiconductor Corporation CSM-57442S Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
3.6(1.8) 5.0(2.5)
V
IF=20mA
Iv
-
18
-
mcd
IF=10mA
q
-
660
-
nm
IF=20mA
Od
-
644
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
3/5
Luminous Intensity Matching Ratio
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
Rating
75
Continuous Forward Current Per Dice
30
Parameter
Power Dissipation Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
120
0.42
Peak Emission Wavelength
Reverse Voltage Per Dice
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
PS-ND-0710
A
Model No CSM-57432S/CSM-57442S
http://www.csctw.com.tw
Derating Linear From 25
Per Dice


Similar Part No. - CSM-57442S

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57442A9 CHINASEMI-CSM-57442A9 Datasheet
219Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57442E CHINASEMI-CSM-57442E Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57442G CHINASEMI-CSM-57442G Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57442M9 CHINASEMI-CSM-57442M9 Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57442T9 CHINASEMI-CSM-57442T9 Datasheet
218Kb / 6P
   4.0Inch Dot-Matrix Display
More results

Similar Description - CSM-57442S

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57432M9 CHINASEMI-CSM-57432M9 Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432A9 CHINASEMI-CSM-57432A9 Datasheet
219Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432V9 CHINASEMI-CSM-57432V9 Datasheet
214Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57462EG CHINASEMI-CSM-57462EG Datasheet
271Kb / 8P
   4.0Inch Dot-Matrix Display
CSM-57462VM9 CHINASEMI-CSM-57462VM9 Datasheet
265Kb / 8P
   4.0Inch Dot-Matrix Display
CSM-57432T9 CHINASEMI-CSM-57432T9 Datasheet
218Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432G CHINASEMI-CSM-57432G Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57432E CHINASEMI-CSM-57432E Datasheet
217Kb / 6P
   4.0Inch Dot-Matrix Display
CSM-57462SG CHINASEMI-CSM-57462SG Datasheet
271Kb / 8P
   4.0Inch Dot-Matrix Display
logo
LIGITEK electronics co....
LMD5741-2DHY-X5-PF LIGITEK-LMD5741-2DHY-X5-PF Datasheet
159Kb / 9P
   DOT MATRIX LED DISPLAY(4.0Inch)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com