Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-57281EG Datasheet(PDF) 5 Page - China Semiconductor Corporation

Part # CSM-57281EG
Description  2.0Inch Dot-Matrix Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57281EG Datasheet(HTML) 5 Page - China Semiconductor Corporation

  CSM-57281EG Datasheet HTML 1Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 2Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 3Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 4Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 5Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 6Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 7Page - China Semiconductor Corporation CSM-57281EG Datasheet HTML 8Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
6
-
mcd
IF=10mA
q
-
632
-
nm
IF=20mA
Od
-
624
-
nm
IF=20mA
-
35
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
7
-
mcd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
Ip=80mA
1/16Duty
Page
4/7
Yellow Green
Luminous Intensity Per Segment
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
http://www.csctw.com.tw
A
PS-ND-0710
Model No CSM-57271EG/CSM-57281EG
Luminous Intensity Matching Ratio
Orange
Reverse Current
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
Parameter
Forward Voltage Per Segment


Similar Part No. - CSM-57281EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57281SG CHINASEMI-CSM-57281SG Datasheet
297Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57281VM9 CHINASEMI-CSM-57281VM9 Datasheet
293Kb / 8P
   2.0Inch Dot-Matrix Display
More results

Similar Description - CSM-57281EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57211M9 CHINASEMI-CSM-57211M9 Datasheet
226Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211T9 CHINASEMI-CSM-57211T9 Datasheet
225Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211A9 CHINASEMI-CSM-57211A9 Datasheet
225Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57271VM9 CHINASEMI-CSM-57271VM9 Datasheet
293Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57211E CHINASEMI-CSM-57211E Datasheet
224Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57261SG CHINASEMI-CSM-57261SG Datasheet
276Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57271SG CHINASEMI-CSM-57271SG Datasheet
297Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57261VM9 CHINASEMI-CSM-57261VM9 Datasheet
272Kb / 8P
   2.0Inch Dot-Matrix Display
CSM-57211G CHINASEMI-CSM-57211G Datasheet
223Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211S CHINASEMI-CSM-57211S Datasheet
224Kb / 6P
   2.0Inch Dot-Matrix Display
CSM-57211V9 CHINASEMI-CSM-57211V9 Datasheet
219Kb / 6P
   2.0Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com