Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS056 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS056
Description  TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS056 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS056 Datasheet HTML 2Page - Texas Instruments SN75ALS056 Datasheet HTML 3Page - Texas Instruments SN75ALS056 Datasheet HTML 4Page - Texas Instruments SN75ALS056 Datasheet HTML 5Page - Texas Instruments SN75ALS056 Datasheet HTML 6Page - Texas Instruments SN75ALS056 Datasheet HTML 7Page - Texas Instruments SN75ALS056 Datasheet HTML 8Page - Texas Instruments SN75ALS056 Datasheet HTML 9Page - Texas Instruments SN75ALS056 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75ALS056, SN75ALS057
TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SLLS028G – AUGUST 1987 – REVISED JUNE 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA
≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
DW
1025 mW
8.2 mW/
°C
656 mW
N
1150 mW
9.2 mW/
°C
736 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level driver and control input voltage, VIH
2
V
Low-level driver and control input voltage, VIL
0.8
V
Bus termination voltage
1.9
2.1
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
SN75ALS056
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage at An, T/R, or CS
II = –18 mA
–1.5
V
VIT
Receiver input threshold voltage at Bn
1.405
1.69
V
VOH
High-level output voltage at An
Bn at 1.2 V, CS at 0.8 V,
T/R at 0.8V, IOH = – 400 µA
2.4
V
An
Bn at 2 V ,CS at 0.8 V,
T/R at 0.8 V, IOL = 16 mA
0.5
VOL
Low-level output voltage
Bn
An at 2 V, CS at 0.8 V,
T/R at 2 V, VL = 2 V,
RL =18.5 Ω,, See Figure 1
0.75
1.2
V
An, T/R or CS
VI = VCC
40
IIH
High-level input current
Bn
VI = 2 V, VCC = 0 or 5.25 V,
An at 0.8 V, T/R at 0.8 V
100
µA
IIL
Low level input current at An, T/R, or CS
VI = 0.4 V
–400
µA
IOS
Short-circuit output current at An
An at 0, Bn at 1.2 V,
CS at 0.8 V, T/R at 0.8 V
–40
–120
mA
ICC
Supply current
75
mA
CO(B)
Driver output capacitance
4.5
pF
† Typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - SN75ALS056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS056DW TI-SN75ALS056DW Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWG4 TI-SN75ALS056DWG4 Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWR TI-SN75ALS056DWR Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWRE4 TI-SN75ALS056DWRE4 Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWRG4 TI-SN75ALS056DWRG4 Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS057DWR TI-SN75ALS057DWR Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
logo
National Semiconductor ...
DS3896 NSC-DS3896 Datasheet
247Kb / 9P
   BTL Trapezoidal??Transceivers
DS3896 NSC-DS3896_09 Datasheet
353Kb / 10P
   BTL Trapezoidal??Transceivers
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com