Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75186FN Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75186FN
Description  QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75186FN Datasheet(HTML) 5 Page - Texas Instruments

  SN75186FN Datasheet HTML 1Page - Texas Instruments SN75186FN Datasheet HTML 2Page - Texas Instruments SN75186FN Datasheet HTML 3Page - Texas Instruments SN75186FN Datasheet HTML 4Page - Texas Instruments SN75186FN Datasheet HTML 5Page - Texas Instruments SN75186FN Datasheet HTML 6Page - Texas Instruments SN75186FN Datasheet HTML 7Page - Texas Instruments SN75186FN Datasheet HTML 8Page - Texas Instruments SN75186FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75186
QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SLLS068C – FEBRUARY 1990 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over full recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
RL = 3 kΩ,
VIL = 0.8 V,
See Figure 1
7
V
VOL
Low-level output voltage‡
RL = 3 kΩ,
VIH = 2 V,
See Figure 1
–7
V
VOH(LB)
High-level output voltage in
loopback modeद
RL = 3 kΩ,
LB at 0.8 V,
VIL = 0.8 V
–7
V
IIH
High-level input current
(driver and loopback inputs)#
VI = 5 V,
See Figure 2
100
µA
IIL
Low-level input current
(driver and loopback inputs)#
– 100
µA
VOS(H)
High-level short-circuit output
current
VI = 0.8 V,
VO = 0,
See Note 3 and Figure 1
–10
–20
–35
mA
VOS(L)
Low-level short-circuit output
current
VI = 2 V,
VO = 0,
See Note 3 and Figure 1
10
20
35
mA
ICC1
Supply current from VCC1
No load
2.5
4
mA
ICC1(LB)
Supply current from VCC1 with
loopback on
No load,
LB at 0.8 V
10
mA
IEE
Supply current from VEE
No load
– 2.5
–4
mA
IEE(LB)
Supply current from VEE with
loopback on
No load,
LB at 0.8 V
–10
mA
ICC2
Supply current from VCC2
No load,
VI = 0,
See Note 5
–10
– 100
µA
ICC2(LB)
Supply current from VCC2 with
loopback on
No load,
See Note 5
LB at 0.8 V,
VI = 0,
–10
– 100
µA
ro
Output resistance
VCC1 = VEE = VCC2 = 0,
See Note 4
VO = – 2 V to 2 V,
0.3
5
k
† All typical values are at TA = 25°C.
‡ The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic levels only.
§ This is the most positive level to which the driver output rises when the device is in the loopback mode and the driver input is at a low level.
¶ The loopback mode should be entered only when the driver output is in the low (marking) state.
# Unused driver inputs should be tied to 0 V or VCC2; unused loopback inputs should be tied to VCC2.
NOTES:
3. Minimum IOS(H) and IOS(L) are specified at VO = 0, as this more accurately describes the output current needed to dynamically drive
capacitive lines. A minimum of
±10 mA is sufficient to drive 2500 pF in parallel with 3 kΩ at a slew rate of 4 V/µs ( in accordance
with EIA / TIA-232-E and V.28).
4. Test conditions are those specified by EIA / TIA-232-E.
5. Without a load and VI = 0, the worst-case conditions, VCC2 sources a small current originating from VCC1 giving ICC2 supply current
a negative sign. When a receiver has an output load, VCC2 sinks static and dynamic supply currents to meet load requirements.


Similar Part No. - SN75186FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75186FN TI1-SN75186FN Datasheet
243Kb / 15P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75186FNR TI1-SN75186FNR Datasheet
243Kb / 15P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
More results

Similar Description - SN75186FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75186 TI1-SN75186_14 Datasheet
243Kb / 15P
[Old version datasheet]   QUADRUPLE DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786 TI-SN75LBC786 Datasheet
106Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC786 TI1-SN75LBC786_09 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER WITH LOOPBACK
SN75LBC784 TI-SN75LBC784 Datasheet
89Kb / 7P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75LBC784 TI1-SN75LBC784_11 Datasheet
162Kb / 10P
[Old version datasheet]   QUADRUPLE RS-423-B DRIVER/RECEIVER
SN75154 TI-SN75154 Datasheet
145Kb / 9P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
SN75154 TI1-SN75154_15 Datasheet
712Kb / 17P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com