Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP60050 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # BP60050
Description  70 MHz Bandpass SAW Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

BP60050 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  BP60050 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70 MHz Bandpass SAW Filter
Phone: +86 (10) 5128 1211
Fax: +86 (10) 5820 3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2005 by Vanlong Technology Co., Ltd.
BP60050
70 MHz Bandpass SAW Filter
32 MHz Bandwidth
Specifications
Parameter
Sym
Minimum
Typical
Maximum
Unit
Center Frequency at 25
°C
fc
69.8
70
70.2
MHz
Insertion Loss at fc
IL
-
23.3
23.5
dB
1 dB Bandwidth
BW1
29.0
30.4
-
MHz
3 dB Bandwidth
BW3
32.0
33.4
-
MHz
40dB Bandwidth
BW40
-
50.9
51.0
MHz
Passband Variation
-
-
0.3
1.0
dB
Phase Linearity
-
-
6.0
7.0
Deg
Group Delay Variation
-
-
25
30
nsec
Absolute Delay
-
-
2
-
µsec
Ultimate Rejection
-
50
55
-
dB
Substrate Material
-
-
128-LiNbO3
-
-
Ambient Temperature
Ta
-
25
-
°C
Operating Temperature Range
To
-40
25
85
°C
Typical Performance
Package Outline
Matching Configuration
No Matching Required
Nominal Source/Load Impedance : 50
BP60050


Similar Part No. - BP60050

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP60010 VANLONG-BP60010 Datasheet
49Kb / 1P
   70 MHz Bandpass SAW Filter
BP60020 VANLONG-BP60020 Datasheet
43Kb / 1P
   70 MHz Bandpass SAW Filter
BP60030 VANLONG-BP60030 Datasheet
42Kb / 1P
   70 MHz Bandpass SAW Filter
BP60040 VANLONG-BP60040 Datasheet
43Kb / 1P
   70 MHz Bandpass SAW Filter
BP60060 VANLONG-BP60060 Datasheet
54Kb / 1P
   70 MHz Bandpass SAW Filter
More results

Similar Description - BP60050

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP60361 VANLONG-BP60361 Datasheet
45Kb / 1P
   70 MHz Bandpass SAW Filter
BP60390 VANLONG-BP60390 Datasheet
50Kb / 1P
   70 MHz Bandpass SAW Filter
BP60420 VANLONG-BP60420 Datasheet
44Kb / 1P
   70 MHz Bandpass SAW Filter
BP60490 VANLONG-BP60490 Datasheet
42Kb / 1P
   70 MHz Bandpass SAW Filter
BP60510 VANLONG-BP60510 Datasheet
43Kb / 1P
   70 MHz Bandpass SAW Filter
BP60270 VANLONG-BP60270 Datasheet
56Kb / 1P
   70 MHz Bandpass SAW Filter
BP60290 VANLONG-BP60290 Datasheet
53Kb / 1P
   70 MHz Bandpass SAW Filter
BP60380 VANLONG-BP60380 Datasheet
43Kb / 1P
   70 MHz Bandpass SAW Filter
BP60150 VANLONG-BP60150 Datasheet
51Kb / 1P
   70 MHz Bandpass SAW Filter
BP60190 VANLONG-BP60190 Datasheet
44Kb / 1P
   70 MHz Bandpass SAW Filter
BP60230 VANLONG-BP60230 Datasheet
44Kb / 1P
   70 MHz Bandpass SAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com