Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75162BDW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75162BDW
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75162BDW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75162BDW Datasheet HTML 6Page - Texas Instruments SN75162BDW Datasheet HTML 7Page - Texas Instruments SN75162BDW Datasheet HTML 8Page - Texas Instruments SN75162BDW Datasheet HTML 9Page - Texas Instruments SN75162BDW Datasheet HTML 10Page - Texas Instruments SN75162BDW Datasheet HTML 11Page - Texas Instruments SN75162BDW Datasheet HTML 12Page - Texas Instruments SN75162BDW Datasheet HTML 13Page - Texas Instruments SN75162BDW Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN75161B, SN75162B
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS005B – OCTOBER 1980 – REVISED MAY 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
90%
Output
Terminal
S1 Open
S1 Closed
Terminal
tPHZ
VOLTAGE WAVEFORMS
Output
0 V
VOH
tPLZ
0.7 V
tPZL
1.5 V
tPZH
1.5 V
See Note B
Control
Input
VOL
4 V
1 V
0 V
3 V
1.5 V
LOAD CIRCUIT
3 k
240
Test Point
4.3 V
S1
CL = 15 pF
(see Note A)
From (Terminal)
Output Under
Test
NOTES: A. CL includes probe and jig capacitance.
B. The Input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle,
tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
Figure 4. Terminal Enable and Disable Times Load Circuit and Voltage Waveforms


Similar Part No. - SN75162BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75162BDW TI-SN75162BDW Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWE4 TI-SN75162BDWE4 Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWG4 TI-SN75162BDWG4 Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWR TI-SN75162BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWRE4 TI-SN75162BDWRE4 Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75162BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com