Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75172 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75172
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75172 Datasheet(HTML) 3 Page - Texas Instruments

  SN75172 Datasheet HTML 1Page - Texas Instruments SN75172 Datasheet HTML 2Page - Texas Instruments SN75172 Datasheet HTML 3Page - Texas Instruments SN75172 Datasheet HTML 4Page - Texas Instruments SN75172 Datasheet HTML 5Page - Texas Instruments SN75172 Datasheet HTML 6Page - Texas Instruments SN75172 Datasheet HTML 7Page - Texas Instruments SN75172 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN75172
QUADRUPLE DIFFRENTIAL LINE DRIVER
SLLS038B – OCTOBER 1980 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Common-mode output voltage, VOC
– 7 to 12
V
High-level output current, IOH
–60
mA
Low-level output current, IOL
60
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VO
Output voltage
IO = 0
0
6
V
VOH
High-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOH = – 33 mA
3.7
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOH = 33 mA
1.1
V
|VOD1|
Differential output voltage
IO = 0
1.5
6
V
RL = 100 Ω
See Figure 1
1/2 VOD1
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
OD1
or 2‡
V
RL = 54 Ω,
See Figure 1
1.5
2.5
5
V
VOD3
Differential output voltage
See Note 2
1.5
5
V
∆|VOD|
Change in magnitude of
differential output voltage§
±0.2
V
VOC
Common mode o tp t oltage¶
RL =54 Ω or 100 Ω
See Figure 1
+3
V
VOC
Common-mode output voltage¶
RL = 54 Ω or 100 Ω,
See Figure 1
–1
V
∆|VOC|
Change in magnitude of
common-mode output voltage§
±0.2
V
IO
Output current with power off
VCC = 0,
VO = – 7 V to 12 V
±100
µA
IOZ
High-impedance-state
output current
VO = – 7 V to 12 V
±100
µA
IIH
High-level input current
VI = 2.7 V
20
µA
IIL
Low-level input current
VI = 0.5 V
– 360
µA
VO = – 7 V
– 180
IOS
Short-circuit output current
VO = VCC
180
mA
VO = 12 V
500
ICC
Supply current (all drivers)
No load
Outputs enabled
38
60
mA
ICC
Supply current (all drivers)
No load
Outputs disabled
18
40
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
§
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
¶ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
NOTE 2: See Figure 3-5 of EIA Standard RS-485.


Similar Part No. - SN75172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75172 TI1-SN75172 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DW TI1-SN75172DW Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWG4 TI1-SN75172DWG4 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWR TI1-SN75172DWR Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWRE4 TI1-SN75172DWRE4 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
More results

Similar Description - SN75172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS31C TI-AM26LS31C_09 Datasheet
813Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com