Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-57031M9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSM-57031M9
Description  0.7Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57031M9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM-57031M9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-57031M9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-57031M9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-57031M9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-57031M9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-57031M9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Absolute Maximum Rating -
(Ta=25 )
Symbol
Unit
PAD
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
7400
-
ucd
IF=10mA
q
-
570
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
Page
3/5
Ip=80mA 1/16Duty
A
Model No CSM-57031M9/CSM-57041M9
Parameter
http://www.csctw.com.tw
Rating
70
25
Peak Current Per Dice(duty cycle 1/10, 1kHz)
90
0.33
Reverse Voltage Per Dice
Power Dissipation Per Dice
Operating Temp.
Continuous Forward Current Per Dice
5
-35 ~ +85
Storage Temp.
-35 ~ +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
PS-ND-0710
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Peak Emission Wavelength
Reverse Current
Luminous Intensity Matching Ratio
Dominant Wavelength
Spectrum Radiation Bandwidth
Derating Linear From 25
Per Dice


Similar Part No. - CSM-57031M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57031A9 CHINASEMI-CSM-57031A9 Datasheet
218Kb / 7P
   0.7Inch Dot-Matrix Display
CSM-57031E CHINASEMI-CSM-57031E Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031G CHINASEMI-CSM-57031G Datasheet
217Kb / 6P
   0.7 Inch Dot-Matrix Display
CSM-57031S CHINASEMI-CSM-57031S Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031T9 CHINASEMI-CSM-57031T9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
More results

Similar Description - CSM-57031M9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57071S CHINASEMI-CSM-57071S Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031T9 CHINASEMI-CSM-57031T9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031S CHINASEMI-CSM-57031S Datasheet
215Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071G CHINASEMI-CSM-57071G Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031V9 CHINASEMI-CSM-57031V9 Datasheet
210Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071E CHINASEMI-CSM-57071E Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071M9 CHINASEMI-CSM-57071M9 Datasheet
217Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071T9 CHINASEMI-CSM-57071T9 Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57031E CHINASEMI-CSM-57031E Datasheet
216Kb / 6P
   0.7Inch Dot-Matrix Display
CSM-57071A9 CHINASEMI-CSM-57071A9 Datasheet
218Kb / 6P
   0.7Inch Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com