Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75159N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75159N
Description  DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75159N Datasheet(HTML) 5 Page - Texas Instruments

  SN75159N Datasheet HTML 1Page - Texas Instruments SN75159N Datasheet HTML 2Page - Texas Instruments SN75159N Datasheet HTML 3Page - Texas Instruments SN75159N Datasheet HTML 4Page - Texas Instruments SN75159N Datasheet HTML 5Page - Texas Instruments SN75159N Datasheet HTML 6Page - Texas Instruments SN75159N Datasheet HTML 7Page - Texas Instruments SN75159N Datasheet HTML 8Page - Texas Instruments SN75159N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75159
DUAL DIFFERENTIAL LINE DRIVER
WITH 3-STATE OUTPUTS
SLLS088B – JANUARY 1977 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over operating free-air temperature range, VCC = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL = 30 pF, RL = 100 Ω,
See Figure 2,
16
25
ns
tPHL
Propagation delay time, high-to-low-level output
L
,
L
,g
,
Termination A
11
20
ns
tPLH
Propagation delay time, low-to-high-level output
CL =15 pF See Figure 2 Termination B
13
20
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF, See Figure 2, Termination B
9
15
ns
tTLH
Transition time, low-to-high-level output
CL = 30 pF, RL = 100 Ω,
See Figure 2,
4
20
ns
tTHL
Transition time, high-to-low-level output
L
,
L
,g
,
Termination A
4
20
ns
tPZH
Output enable time to high level
CL = 30 pF, RL = 180 Ω,
See Figure 3
7
20
ns
tPZL
Output enable time to low level
CL = 30 pF, RL = 250 Ω,
See Figure 4
14
40
ns
tPHZ
Output disable time from high level
CL = 30 pF, RL = 180 Ω,
See Figure 3
10
30
ns
tPLZ
Output disable time from low level
CL = 30 pF, RL = 250 Ω,
See Figure 4
17
35
ns
Overshoot factor
RL = 100 Ω, See Figure 2, Termination C
10%
† All typical values are at TA = 25°C.
SYMBOL EQUIVALENTS
DATA-SHEET PARAMETER
EIA/TIA-422-B
VO
Voa, Vob
|VOD1|
Vo
|VOD2|
Vt
∆|VOD|
||Vt| – |Vt||
VOC
|Vos|
∆|VOC|
|Vos – Vos|
IOS
|Isa| , |Isb|
IO
|Ixa| , |Ixb|
PARAMETER MEASUREMENT INFORMATION
VOC
50
50
VOD2
Figure 1. Differential and Common-Mode Output Voltages


Similar Part No. - SN75159N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN751506 TI1-SN751506 Datasheet
180Kb / 11P
[Old version datasheet]   DC PLASMA DISPLAY DRIVERS
SN751506FT TI1-SN751506FT Datasheet
180Kb / 11P
[Old version datasheet]   DC PLASMA DISPLAY DRIVERS
logo
STMicroelectronics
SN751508 STMICROELECTRONICS-SN751508 Datasheet
286Kb / 19P
   DC PLASMA DISPLAY DRIVERS
More results

Similar Description - SN75159N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
   Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
   Dual Differential Line Drivers With 3 State Outputs
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com