Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD500JV-90DA Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FD500JV-90DA
Description  HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FD500JV-90DA Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FD500JV-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FD500JV-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FD500JV-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb.1999
Conditions
Applied for all conduction angles
f = 60Hz, sine wave
θ = 180°, Tf =76°C
One half cycle at 60Hz, Tj =125
°C
IFM =500A, VR
≤ 2250V, Tj = 125°C (Fig. 1 and Fig. 2)
(Recommended value 23.5kN)
Typical 530g
785
500
10
4.2
× 105
2000
–20 ~ 125
–40 ~ 150
22 ~ 28
MITSUBISHI SOFT RECOVERY DIODES
FD500JV-90DA
HIGH POWER, HIGH FREQUENCY,
PRESS PACK TYPE
FD500JV-90DA
OUTLINE DRAWING
Dimensions in mm
APPLICATION
Clamp diode for GCT Thyristor
High-power inverters
Power supplies as high frequency rectifiers
¡IF(AV)
Average forward current ....................... 500A
¡VRRM Repetitive peak reverse voltage ................... 4500V
¡QRR
Reverse recovery charge ................. 1500
µC
¡Press pack type
RMS forward current
Average forward current
Surge forward current
Current-squared, time integration
Critical rate of rise of reverse
recovery current
Junction temperature
Storage temperature
Mounting force required
Weight
A
A
kA
A2s
A/
µs
°C
°C
kN
g
IF(RMS)
IF(AV)
IFSM
I2t
di/dt
Tj
Tstg
Unit
Symbol
VRRM
VRSM
VR(DC)
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
DC reverse voltage
Parameter
V
V
V
Symbol
Parameter
Unit
Ratings
MAXIMUM RATINGS
4500
4500
3600
Voltage class
φ3.5 ± 0.2
2.2 ± 0.2DEPTH
φ3.5 ± 0.2
2.2 ± 0.2DEPTH
φ75MAX
φ47
TYPE NAME


Similar Part No. - FD500JV-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FD500JV-90DA MITSUBISHI-FD500JV-90DA_02 Datasheet
35Kb / 2P
   HIGH POWER, HIGH FREQUENCY PRESS PACK TYPE
More results

Similar Description - FD500JV-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FD3000AU-120DA MITSUBISHI-FD3000AU-120DA Datasheet
43Kb / 3P
   HIGH POWER, HIGH FREQUENCY PRESS PACK TYPE
FD1500CV-90DA MITSUBISHI-FD1500CV-90DA Datasheet
35Kb / 2P
   HIGH POWER, HIGH FREQUENCY PRESS PACK TYPE
logo
Powerex Power Semicondu...
FD2000DU-120 POWEREX-FD2000DU-120 Datasheet
51Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FD1500BV-90DA MITSUBISHI-FD1500BV-90DA Datasheet
27Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD1000FX-90 MITSUBISHI-FD1000FX-90 Datasheet
44Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD1500AV-90 MITSUBISHI-FD1500AV-90 Datasheet
51Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD500JV-90DA MITSUBISHI-FD500JV-90DA_02 Datasheet
35Kb / 2P
   HIGH POWER, HIGH FREQUENCY PRESS PACK TYPE
FD1000FV-90 MITSUBISHI-FD1000FV-90 Datasheet
50Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD2000DU-120 MITSUBISHI-FD2000DU-120 Datasheet
48Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
FD1000FH-56 MITSUBISHI-FD1000FH-56 Datasheet
41Kb / 3P
   HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com