Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75158D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75158D
Description  DUAL DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75158D Datasheet(HTML) 5 Page - Texas Instruments

  SN75158D Datasheet HTML 1Page - Texas Instruments SN75158D Datasheet HTML 2Page - Texas Instruments SN75158D Datasheet HTML 3Page - Texas Instruments SN75158D Datasheet HTML 4Page - Texas Instruments SN75158D Datasheet HTML 5Page - Texas Instruments SN75158D Datasheet HTML 6Page - Texas Instruments SN75158D Datasheet HTML 7Page - Texas Instruments SN75158D Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN75158
DUAL DIFFERENTIAL LINE DRIVER
SLLS085B – JANUARY 1977 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
0
VI – Data Input Voltage – V
6
0
1
2
3
4
1
2
3
4
5
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
No Load
TA = 25°C
VCC = 5.5 V
VCC = 4.5 V
VCC = 5 V
Figure 4
VI – Data Input Voltage – V
OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
5
4
3
2
1
3
2
1
0
4
6
0
TA = – 55°C
TA = 125°C
VCC = 5 V
No Load
TA = 25°C
Figure 5
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0
5
– 120
0
–20
–40
–60
–80
– 100
1
2
3
4
VCC = 5 V
VCC = 5.5 V
TA = 25°C
VCC = 4.5 V
Figure 6
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0
0.4
0
10
20
30
40
50
60
70
0.1
0.2
0.3
80
VCC = 4.5 V
VCC = 5.5 V
TA = 25°C


Similar Part No. - SN75158D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75158D TI-SN75158D Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158DE4 TI-SN75158DE4 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158DG4 TI-SN75158DG4 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158DR TI-SN75158DR Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158DRE4 TI-SN75158DRE4 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75158D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com