Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75155P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155P
Description  LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155P Datasheet(HTML) 5 Page - Texas Instruments

  SN75155P Datasheet HTML 1Page - Texas Instruments SN75155P Datasheet HTML 2Page - Texas Instruments SN75155P Datasheet HTML 3Page - Texas Instruments SN75155P Datasheet HTML 4Page - Texas Instruments SN75155P Datasheet HTML 5Page - Texas Instruments SN75155P Datasheet HTML 6Page - Texas Instruments SN75155P Datasheet HTML 7Page - Texas Instruments SN75155P Datasheet HTML 8Page - Texas Instruments SN75155P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = – 5 V, CL = 50 pF (unless otherwise noted)
driver section (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high level output
RL =3kΩ
250
480
ns
tPHL
Propagation delay time, high- to low level output
RL = 3 kΩ
80
150
ns
t
Output rise time
RL = 3 kΩ
67
180
ns
tr
Output rise time
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF
2.4
3
µs
tf
Output fall time
RL = 3 kΩ
48
160
ns
tf
Output fall time
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF
1.9
3
µs
receiver section (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high level output
RL = 400 Ω
175
245
ns
tPHL
Propagation delay time, high- to low level output
RL = 400 Ω
37
100
ns
tr
Output rise time
RL = 400 Ω
255
360
ns
tf
Output fall time
RL = 400 Ω
23
50
ns
† All typical values are at TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
+VC
RC
VIT, VI
VCC
CC
–VC
RC
–IOH
VOH
+IOL
VOL
Open
Unless
Otherwise
Specified
Response
Control
Figure 1. Receiver Section Test Circuit (VIT+, VIT–, VOH, VOL)


Similar Part No. - SN75155P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155P TI1-SN75155P Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155PE4 TI1-SN75155PE4 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
More results

Similar Description - SN75155P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com