Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTGS73F-560M Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS73F-560M
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS73F-560M Datasheet(HTML) 1 Page - Central Technologies

  CTGS73F-560M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
Size
A
B
C
D
Typ.
mm
7.8 ± 0.30
7.0 ± 0.30
3.5 ± 0.30
2.1
inches
0.307 ± 0.012
0.276 ± 0.012
0.138 ± 0.012
0.083
PHYSICAL DIMENSIONS
B
A
Marking
C
D
SPECIFICATIONS
Parts specify tolerance code when ordering.
CTGS73-100_
K = ±10%, L = ±15%, M = ±20% & N = ±30%
CTGS73F Please specify “F” for RoHS Compliant
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω)
(A)
CTGS73_-100_
10
2.52M
0.08
1.44
CTGS73_-120_
12
2.52M
0.09
1.39
CTGS73_-150_
15
2.52M
0.10
1.24
CTGS73_-180_
18
2.52M
0.11
1.12
CTGS73_-220_
22
2.52M
0.13
1.07
CTGS73_-270_
27
2.52M
0.15
0.94
CTGS73_-330_
33
2.52M
0.17
0.85
CTGS73_-390_
39
2.52M
0.22
0.74
CTGS73_-470_
47
2.52M
0.25
0.68
CTGS73_-560_
56
2.52M
0.28
0.64
CTGS73_-680_
68
2.52M
0.33
0.59
CTGS73_-820_
82
2.52M
0.41
0.54
CTGS73_-101_
100
1.00k
0.48
0.51
CTGS73_-121_
120
1.00k
0.54
0.49
CTGS73_-151_
150
1.00k
0.75
0.40
CTGS73_-181_
180
1.00k
1.02
0.36
CTGS73_-221_
220
1.00k
1.20
0.31
CTGS73_-271_
270
1.00k
1.31
0.29
CTGS73_-331_
330
1.00k
1.50
0.28
CTGS73 Series
From 10 µH to 330 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±10%, ±15%, ±20% & ±30%
Testing: Inductance is tested on an HP4285A at specified
frequency
Packaging: Tape & Reel
Marking: Marked with inductance code
Premissible Current: The value of current when the inductance
is 10% lower than its initial value at D.C. superposition or D.C.
current when at
∆T = 40°C whichever is lower
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CTGS73F-560M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS73F-560M CT-CTGS73F-560M Datasheet
339Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTGS73F-560M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com