Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75155D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75155D
Description  LINE DRIVER AND RECEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75155D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75155D Datasheet HTML 2Page - Texas Instruments SN75155D Datasheet HTML 3Page - Texas Instruments SN75155D Datasheet HTML 4Page - Texas Instruments SN75155D Datasheet HTML 5Page - Texas Instruments SN75155D Datasheet HTML 6Page - Texas Instruments SN75155D Datasheet HTML 7Page - Texas Instruments SN75155D Datasheet HTML 8Page - Texas Instruments SN75155D Datasheet HTML 9Page - Texas Instruments SN75155D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN75155
LINE DRIVER AND RECEIVER
SLLS017C – JULY 1986 – REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
VCC ± = ± 5 V
VCC ± = ± 9 V
VCC ± = ± 12 V
RL = 3 kΩ
TA = 25°C
8
6
4
2
0
–2
–4
–6
–8
1.8
1.6
1.4
1.2
–10
2
10
VI – Input Voltage – V
1
VOLTAGE TRANSFER CHARACTERISTICS
DRIVER
VCC
± = ± 5 V
VCC
± = ± 12 V
3-k
Load Line
–8
16
12
8
4
0
–4
16
12
8
4
0
–4
–12
20
20
VO – Output Voltage – V
–20
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
–12
–16
–20
VI = 0.8 V
VI = 2 V
TA = 25°C
–16
– 8
DRIVER
Figure 5
Figure 6
VI = L
IOS(H)
VO = 0
VCC – = – 12 V
VCC + = 12 V
IOS(L)
VI = H
10
5
0
–5
–10
60
50
40
30
20
10
–15
15
TA – Free-Air Temperature – _C
0
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
DRIVER
70
TA = 25°C
VCC – = – 12 V
VCC + = 12 V
Rise
400
100
40
10
4
1000
100
1
10000
1000
CL – Load Capacitance – pF
10
SLEW RATE
vs
LOAD CAPACITANCE
Fall
DRIVER
Figure 7


Similar Part No. - SN75155D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155D TI1-SN75155D Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155DE4 TI1-SN75155DE4 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155DG4 TI1-SN75155DG4 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155DR TI1-SN75155DR Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN75155DRE4 TI1-SN75155DRE4 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
More results

Similar Description - SN75155D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com