Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN1811BT Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ALN1811BT
Description  Internally Matched LNA Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN1811BT Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ALN1811BT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN1811BT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN1811BT Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
www.asb.co.kr
November 2008
plerowTM ALN1811BT
Internally Matched LNA Module
S-parameters
Noise Figure
OIP3
P1dB
1750~1870
+5 V
Typical Performance
(Measured)
1750 1760 1770 1780 1790 1800 1810 1820 1830 1840 1850 1860 1870
-25.0
-22.5
-20.0
-17.5
-15.0
-12.5
-10.0
-7.5
-5.0
-2.5
0.0
6
7
8
9
10
11
12
13
14
15
16
S12
S11
S22
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
8
9
10
S12
S11
S22
S21
Frequency [MHz]
S-parameters & K Factor


Similar Part No. - ALN1811BT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN1811BT ASB-ALN1811BT Datasheet
329Kb / 3P
   Internally Matched LNA Module
August 2017
ALN1811BT ASB-ALN1811BT_13 Datasheet
532Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1811BT ASB-ALN1811BT_17 Datasheet
329Kb / 3P
   Internally Matched LNA Module
August 2017
More results

Similar Description - ALN1811BT

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com