Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTHF2430-333M0R6 Datasheet(PDF) 1 Page - Central Technologies

Part # CTHF2430-333M0R6
Description  Common Mode Chokes - Raidal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHF2430-333M0R6 Datasheet(HTML) 1 Page - Central Technologies

  CTHF2430-333M0R6 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Chokes - Raidal
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2003 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.09.02
Inductance
Inductance
DCR
Rated Iac
Part
(Min.)
Difference*
Max.
Current (Max.)
Number
(mH)
(µH Max.)
(
W
W)
(A)
CTHF2430-683M0R4
68
700
2.30
0.4
CTHF2430-453M0R5
45
600
1.65
0.5
CTHF2430-333M0R6
33
500
1.20
0.6
CTHF2430-253M0R8
25
400
0.88
0.8
CTHF2430-203M1R0
20
350
0.64
1.0
CTHF2430-103M1R2
10
250
0.38
1.2
CTHF2430-452M1R5
4.5
150
0.19
1.5
CTHF2430-392M1R8
3.9
150
0.15
1.8
CTHF2430-332M2R0
3.3
100
0.11
2.0
CTHF2430-242M2R5
2.4
90
0.09
2.5
CTHF2430 Series
From 2.4 mH to 68 mH
Not shown at actual size.
CHARACTERISTICS
Description: Common mode choke coils.
Applications: For AC power supply/compact, separable bobbin.
Rated Voltage: 250Vac
Operating Temperature Range: -20°C to +105°C including self
temperature rise.
Temperature Rise: 45°C maximum each line.
Dielectric Withstanding Voltage: 2000Vac between each
winding for 1 minute.
Insulation Resistance: 100Mohm minimum between each
winding for 1 minute.
Additional Information: Additional electrical & physical
information available upon request. Different inductance and
current products are available as well.
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
SPECIFICATIONS
* Indicates the inductance difference between the coil L1 and L2.


Similar Part No. - CTHF2430-333M0R6

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHF2430F CT-CTHF2430F Datasheet
179Kb / 1P
   Common Mode Chokes - Raidal
CTHF2430F-103M1R2 CT-CTHF2430F-103M1R2 Datasheet
179Kb / 1P
   Common Mode Chokes - Raidal
CTHF2430F-203M1R0 CT-CTHF2430F-203M1R0 Datasheet
179Kb / 1P
   Common Mode Chokes - Raidal
CTHF2430F-242M2R5 CT-CTHF2430F-242M2R5 Datasheet
179Kb / 1P
   Common Mode Chokes - Raidal
CTHF2430F-253M0R8 CT-CTHF2430F-253M0R8 Datasheet
179Kb / 1P
   Common Mode Chokes - Raidal
More results

Similar Description - CTHF2430-333M0R6

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHF2430F CT-CTHF2430F Datasheet
179Kb / 1P
   Common Mode Chokes - Raidal
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com