Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTH9F-400M Datasheet(PDF) 1 Page - Central Technologies

Part # CTH9F-400M
Description  Power Line Chokes - Axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTH9F-400M Datasheet(HTML) 1 Page - Central Technologies

  CTH9F-400M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Line Chokes - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.13.06
SPECIFICATIONS
Part numbers indicate available tolerance.
M = ±20%
Rated
Body
Lead
Lead
Refer
L Test
DCR
Curr.
Coil
Length
Wire
Length
to
Part
Inductance
Freq.
Max.
Max.
Dia.
Max.
Size
Approx. Figure
Core
Number
(µH)
(kHz)
(W)
(A)
(Inch)
(Inch)
(AWG)
(Inch)
#
Material
CTH9F-3R3M
3.35
1.0
.01
20
.60
1.25
12
1.1
A
Iron
CTH9F-4R9M
4.9
1.0
.01
15
.60
1.25
14
1.1
A
Iron
CTH9F-8R8M
8.8
1.0
.02
10
.56
1.25
16
1.1
A
Iron
CTH9F-4R0M
4.0
1.0
.01
8.0
.38
1.25
20
1.1
B
Ferrite
CTH9F-400M
40
1.0
.08
3.0
.31
1.25
20
1.1
C
Ferrite
CTH9F-680M
68
1.0
.05
5.0
.56
1.25
20
1.1
D
Ferrite
CTH9F-101M
100
1.0
.21
2.0
.38
1.25
20
1.1
E
Ferrite
CTH9F-125M
125
1.0
.08
3.5
.50
1.25
20
1.1
D
Ferrite
CTH9F-251M
250
1.0
.17
2.5
.44
1.25
20
1.1
D
Ferrite
CTH9F-501M
500
1.0
.26
2.0
.56
1.25
20
1.1
D
Ferrite
CTH9F-102M
1000
1.0
.55
1.0
.50
1.25
20
1.1
D
Ferrite
CTH9F Series
From 3.35 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded power line inductor
Applications: Used in switching regulators, SCR and Triac
controls, RFI suppression and filters. High current applications
Operating Temperature: -55°C to +125°C (no load) -55°C to
+75°C (at full rated current)
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaged: Bulk pack
Inductance: Measured at 1.0 volt with zero DC Current
Rated Current: Based on the inductance change within 20% of
initial value and temperature rise less than 30°C within coil body
Miscellaneous: RoHS Compliant. Other values are available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
B
C
D
E
RoHS
Compliant


Similar Part No. - CTH9F-400M

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
List of Unclassifed Man...
CTH ETC-CTH Datasheet
98Kb / 1P
   CHIP TYPE FEED THROUGH CAPACITORS
logo
M-System Co.,Ltd.
CTH-5 MSYSTEM-CTH-5 Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
CTH-50A MSYSTEM-CTH-50A Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
CTH-50A/Q MSYSTEM-CTH-50A/Q Datasheet
115Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - CTH9F-400M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH7F CT-CTH7F Datasheet
179Kb / 1P
   Power Line Chokes - Axial
CTH7VF CT-CTH7VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH8F CT-CTH8F Datasheet
176Kb / 1P
   Power Line Chokes - Axial
CTH8HCF CT-CTH8HCF Datasheet
91Kb / 1P
   Power Line Chokes - Axial
CTH6F CT-CTH6F Datasheet
162Kb / 1P
   Power Line Chokes - Axial
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com