Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75124D Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75124D
Description  TRIPLE LINE RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75124D Datasheet(HTML) 4 Page - Texas Instruments

  SN75124D Datasheet HTML 1Page - Texas Instruments SN75124D Datasheet HTML 2Page - Texas Instruments SN75124D Datasheet HTML 3Page - Texas Instruments SN75124D Datasheet HTML 4Page - Texas Instruments SN75124D Datasheet HTML 5Page - Texas Instruments SN75124D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN75124
TRIPLE LINE RECEIVER
SLLS058B – SEPTEMBER 1973 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vhys
Hysteresis voltage (VIT + – VIT –)
R
VCC = 5 V,
TA = 25°C
0.2
0.5
V
VIK
Input clamp voltage
A, B, or S
VCC = 5 V,
II – 12 mA
– 1.5
V
VI(BR)
Input breakdown voltage
A, B, or S
VCC = 5 V,
II = 10 mA
5.5
V
VOH
High level output voltage
VIH = VIHmin,
VIL = VILmax,
26
V
VOH
High-level output voltage
IH
IH
,
IOH = – 800 µA,
IL
IL
,
See Note 2
2.6
V
VOL
Low level output voltage
VIH = VIHmin,
VIL = VILmax,
04
V
VOL
Low-level output voltage
IH
IH
,
IOL = 16 mA,
IL
IL
,
See Note 2
0.4
V
II
Input current at maximum input voltage
R
VI = 7 V
5
mA
II
Input current at maximum input voltage
R
VI = 6 V,
VCC = 0
5
mA
IIH
High level input current
A, B, or S
VI = 4.5 V
40
µA
IIH
High-level input current
R
VI = 3.11 V
170
µA
IIL
Low-level input current
A, B, or S
VI = 0.4 V,
VIR = 0.8 V
– 0.1
– 1.6
mA
IOS
Short-circuit output current†
–50
– 100
mA
ICC
Supply current
All inputs = 0.8 V
72
mA
ICC
Supply current
All inputs = 2 V
100
mA
† Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
NOTE 2: The output voltage and current limits are characterized for any appropriate combination of high and low inputs specified by the function
table for the desired output.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from R input
See Figure 1
20
30
ns
tPHL
Propagation delay time, high-to-low-level output from R input
See Figure 1
20
30
ns
PARAMETER MEASUREMENT INFORMATION
VCC
2.6 V
84.5
1N3064
Output
5 k
CL =
30 pF
See Note B
TEST CIRCUIT
Pulse
Generator
(see Note A)
≤ 5 ns
90%
1.5 V
Input
10%
0
2.6 V
VOH
Output
VOL
tPHL
tPLH
VOLTAGE WAVEFORMS
≤ 5 ns
90%
1.5 V
10%
1.5 V
1.5 V
NOTES: A. The pulse generator has the following characteristics: ZO ≈ 50 Ω, PRR ≤ 5 MHz, duty cycle = 50%.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75124D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75124D TI1-SN75124D Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
More results

Similar Description - SN75124D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com