Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5946BT3 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 1SMB5946BT3
Description  PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB5946BT3 Datasheet(HTML) 2 Page - Motorola, Inc

  1SMB5946BT3 Datasheet HTML 1Page - Motorola, Inc 1SMB5946BT3 Datasheet HTML 2Page - Motorola, Inc 1SMB5946BT3 Datasheet HTML 3Page - Motorola, Inc 1SMB5946BT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1SMB5913BT3 Series
Motorola TVS/Zener Device Data
7-2
3 Watt DC Power Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
ELECTRICAL CHARACTERISTICS — continued (TL = 30°C unless otherwise noted.) (VF = 1.5 Volts Max @ IF = 200 mAdc for all
types.)
Device*
Nominal
Zener Voltage
VZ @ IZT
Volts
(Note 1)
Test
Current
IZT
mA
Max Zener Impedance (Note 2)
Max Reverse
Leakage Current
Maximum DC
Zener
Current
IZM
mAdc
Device
Marking
Device*
VZ @ IZT
Volts
(Note 1)
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK
Ohms
IZK
mA
@
IR
µA
VR
Volts
@
Current
IZM
mAdc
Device
Marking
1SMB5929BT3
15
25
9
600
0.25
1
11.4
100
929B
1SMB5930BT3
16
23.4
10
600
0.25
1
12.2
93
930B
1SMB5931BT3
18
20.8
12
650
0.25
1
13.7
83
931B
1SMB5932BT3
20
18.7
14
650
0.25
1
15.2
75
932B
1SMB5933BT3
22
17
17.5
650
0.25
1
16.7
68
933B
1SMB5934BT3
24
15.6
19
700
0.25
1
18.2
62
934B
1SMB5935BT3
27
13.9
23
700
0.25
1
20.6
55
935B
1SMB5936BT3
30
12.5
26
750
0.25
1
22.8
50
936B
1SMB5937BT3
33
11.4
33
800
0.25
1
25.1
45
937B
1SMB5938BT3
36
10.4
38
850
0.25
1
27.4
41
938B
1SMB5939BT3
39
9.6
45
900
0.25
1
29.7
38
939B
1SMB5940BT3
43
8.7
53
950
0.25
1
32.7
34
940B
1SMB5941BT3
47
8
67
1000
0.25
1
35.8
31
941B
1SMB5942BT3
51
7.3
70
1100
0.25
1
38.8
29
942B
1SMB5943BT3
56
6.7
86
1300
0.25
1
42.6
26
943B
1SMB5944BT3
62
6
100
1500
0.25
1
47.1
24
944B
1SMB5945BT3
68
5.5
120
1700
0.25
1
51.7
22
945B
1SMB5946BT3
75
5
140
2000
0.25
1
56
20
946B
1SMB5947BT3
82
4.6
160
2500
0.25
1
62.2
18
947B
1SMB5948BT3
91
4.1
200
3000
0.25
1
69.2
16
948B
1SMB5949BT3
100
3.7
250
3100
0.25
1
76
15
949B
1SMB5950BT3
110
3.4
300
4000
0.25
1
83.6
13
950B
1SMB5951BT3
120
3.1
380
4500
0.25
1
91.2
12
951B
1SMB5952BT3
130
2.9
450
5000
0.25
1
98.8
11
952B
1SMB5953BT3
150
2.5
600
6000
0.25
1
114
10
953B
1SMB5954BT3
160
2.3
700
6500
0.25
1
121.6
9
954B
1SMB5955BT3
180
2.1
900
7000
0.25
1
136.8
8
955B
1SMB5956BT3
200
1.9
1200
8000
0.25
1
152
7
956B
*TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation — The type numbers listed indicate a tolerance of
±5%.


Similar Part No. - 1SMB5946BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5946BT3 ONSEMI-1SMB5946BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5946BT3 ONSEMI-1SMB5946BT3 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5946BT3G ONSEMI-1SMB5946BT3G Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5946BT3G ONSEMI-1SMB5946BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5946BT3G ONSEMI-1SMB5946BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5946BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1PMT5913BT3 MOTOROLA-1PMT5913BT3 Datasheet
138Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS
1SMA5913BT3 MOTOROLA-1SMA5913BT3 Datasheet
153Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
logo
SUNMATE electronic Co.,...
BZG03C10 SUNMATE-BZG03C10 Datasheet
170Kb / 2P
   3 Watts Surface Mount Zener Diodes
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
SZ553J SUNMATE-SZ553J Datasheet
80Kb / 2P
   3 Watts Surface Mount Zener Diodes
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
logo
Shenzhen Taychipst Elec...
1SMA5913B TAYCHIPST-1SMA5913B Datasheet
8Mb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com