Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTGSR74BF-120L Datasheet(PDF) 1 Page - Central Technologies

Part # CTGSR74BF-120L
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGSR74BF-120L Datasheet(HTML) 1 Page - Central Technologies

  CTGSR74BF-120L Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
Please specify tolerance code when ordering.
CTGSR74BF-100_
L = ±15%, M = ±20% & N = ±30%
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.27.07
Size
A
B
C
D
Max.
Max.
Max.
Ref.
mm
7.35
8.15
4.9
2.1
inches
0.29
0.32
0.19
0.08
PHYSICAL DIMENSIONS
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTGSR74BF-100_
10
2.52M
0.07
1.65
CTGSR74BF-120_
12
2.52M
0.07
1.57
CTGSR74BF-150_
15
2.52M
0.08
1.39
CTGSR74BF-180_
18
2.52M
0.10
1.29
CTGSR74BF-220_
22
2.52M
0.13
1.12
CTGSR74BF-270_
27
2.52M
0.16
1.06
CTGSR74BF-330_
33
2.52M
0.18
0.97
CTGSR74BF-390_
39
2.52M
0.18
0.91
CTGSR74BF-470_
47
2.52M
0.27
0.80
CTGSR74BF-560_
56
2.52M
0.29
0.76
CTGSR74BF-680_
68
2.52M
0.33
0.68
CTGSR74BF-820_
82
2.52M
0.43
0.62
CTGSR74BF-101_
100
1.00k
0.49
0.55
CTGSR74BF-121_
120
1.00k
0.68
0.49
CTGSR74BF-151_
150
1.00k
0.94
0.44
CTGSR74BF-181_
180
1.00k
1.00
0.40
CTGSR74BF-221_
220
1.00k
1.18
0.36
CTGSR74BF-271_
270
1.00k
1.30
0.33
CTGSR74BF Series
From 10 µH to 270 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD shielded power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +85°C
Inductance Tolerance: ±15%, ±20% & ±30%
Testing: Inductance is tested on an HP4285A at specified
frequency
Packaging: Tape & Reel, 1,000 parts per reel
Marking: Marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTGSR74BF-120L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
   Power Inductors - Shielded
CTGSR105B-100L CT-CTGSR105B-100L Datasheet
157Kb / 1P
   Power Inductors - Shielded
CTGSR105B-100M CT-CTGSR105B-100M Datasheet
157Kb / 1P
   Power Inductors - Shielded
CTGSR105B-100N CT-CTGSR105B-100N Datasheet
157Kb / 1P
   Power Inductors - Shielded
CTGSR105B-101L CT-CTGSR105B-101L Datasheet
157Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTGSR74BF-120L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com