Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN751177 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN751177
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN751177 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN751177 Datasheet HTML 2Page - Texas Instruments SN751177 Datasheet HTML 3Page - Texas Instruments SN751177 Datasheet HTML 4Page - Texas Instruments SN751177 Datasheet HTML 5Page - Texas Instruments SN751177 Datasheet HTML 6Page - Texas Instruments SN751177 Datasheet HTML 7Page - Texas Instruments SN751177 Datasheet HTML 8Page - Texas Instruments SN751177 Datasheet HTML 9Page - Texas Instruments SN751177 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN751177, SN751178
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS059D – FEBRUARY 1990 – REVISED MAY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTIONS
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
V
VOH
High-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOH = –33 mA
3.7
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOH = 33 mA
1.1
V
|VOD1|
Differential output voltage
IO = 0
1.5
6
V
RL = 100 Ω
See Figure 1
2 or
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1‡
V
OD2
g
RL = 54 Ω,
See Figure 1
1.5
5
VOD3
Differential output voltage
See Note 4
1.5
5
V
∆|VOD|
Change in magnitude of
differential output voltage (see Note 5)
±0.2
V
VOC
Common-mode output voltage
RL = 54 Ω or 100 Ω,
See Figure 1
–1§
3
V
∆|VOC|
Change in magnitude of
common-mode output voltage (see Note 5)
±0.2
V
IO
Output current with power off
VCC = 0,
VO = –7 V to 12 V
±100
µA
IOZ
High-impedance-state output current
VO = –7 V to 12 V
±100
µA
IIH
High-level input current
VIH = 2.7 V
20
µA
IIL
Low-level input current
VIL = 0.4 V
–100
µA
VO = –7 V
–250
IOS
Short-circuit output current (see Note 6)
VO = VCC
250
mA
VO = 12 V
250
ICC
Supply current
No load
Outputs enabled
80
110
mA
ICC
Supply current
No load
Outputs disabled
50
80
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
§ The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for common-mode
output and threshold voltage levels only.
NOTES:
4. See TIA/EIA-485-A Figure 3.5, Test Termination Measurement 2
5.
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high
level to a low level.
6. Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
switching characteristics at VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
RL =54 Ω
See Figure 3
20
25
ns
tt(OD)
Differential output transition time
RL = 54 Ω,
See Figure 3
27
35
ns
tPLH
Propagation delay time, low- to high-level output
RL =27 Ω
See Figure 4
20
25
ns
tPHL
Propagation delay time, high- to low-level output
RL = 27 Ω,
See Figure 4
20
25
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 5
80
120
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 6
40
60
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 5
90
120
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 6
30
45
ns


Similar Part No. - SN751177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751177N TI1-SN751177N Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177NE4 TI1-SN751177NE4 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177NSR TI1-SN751177NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177NSRE4 TI1-SN751177NSRE4 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177NSRG4 TI1-SN751177NSRG4 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN751177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com