Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48213-1200 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 48213-1200
Description  DDR / DDR 2 SODIMM Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

48213-1200 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  48213-1200 Datasheet HTML 1Page - Molex Electronics Ltd. 48213-1200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
Visit our Web site at http://www.molex.com
MARKETS AND APPLICATIONS
Order No. SNG-064
©2006, Molex
Notebook Industry
0.60mm (.024”) Pitch
DDR / DDR 2 SODIMM
Connectors
48212
Reverse Mount
48213
Standard Mount
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550


Similar Part No. - 48213-1200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4821 ETC2-4821 Datasheet
232Kb / 2P
   NYLON M/F HEX STANDOFF
logo
Molex Electronics Ltd.
48210-1201 MOLEX-48210-1201 Datasheet
102Kb / 2P
   Board-to-Board MDC Connector
48210-3001 MOLEX-48210-3001 Datasheet
102Kb / 2P
   Board-to-Board MDC Connector
48211-1201 MOLEX-48211-1201 Datasheet
102Kb / 2P
   Board-to-Board MDC Connector
48211-1201 MOLEX6-48211-1201 Datasheet
147Kb / 2P
   0.80mm (.031") Pitch MDC Board-to-Board Receptacle, Surface Mount, Vertical, 4.20mm (.165") Mated Height, 12 Circuits, Lead Free
More results

Similar Description - 48213-1200

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT9VDDT6472HG MICRON-MT9VDDT6472HG Datasheet
727Kb / 18P
   DDR SDRAM SODIMM
logo
Samsung semiconductor
M470L1624FT0 SAMSUNG-M470L1624FT0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HY MICRON-MT18VDDF12872HY Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
logo
Japan Aviation Electron...
MM80 JAE-MM80 Datasheet
1Mb / 8P
   DDR SDRAM SODIMM Connector
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN03264G1C61MT-50 ETC2-SDN03264G1C61MT-50 Datasheet
769Kb / 12P
   256MB DDR ??SDRAM SoDIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com