Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74S1051DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74S1051DR
Description  12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S1051DR Datasheet(HTML) 2 Page - Texas Instruments

  SN74S1051DR Datasheet HTML 1Page - Texas Instruments SN74S1051DR Datasheet HTML 2Page - Texas Instruments SN74S1051DR Datasheet HTML 3Page - Texas Instruments SN74S1051DR Datasheet HTML 4Page - Texas Instruments SN74S1051DR Datasheet HTML 5Page - Texas Instruments SN74S1051DR Datasheet HTML 6Page - Texas Instruments SN74S1051DR Datasheet HTML 7Page - Texas Instruments SN74S1051DR Datasheet HTML 8Page - Texas Instruments SN74S1051DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74S1051
12-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDLS018B – SEPTEMBER 1990 – REVISED MARCH 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Steady-state reverse voltage, VR
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous forward current, IF: Any D terminal from GND or to VCC
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Total through all GND or VCC terminals
170 mA
. . . . . . . . . . . . . . . . . . . . . . .
Repetitive peak forward current, IFRM: Any D terminal from GND or VCC
200 mA
. . . . . . . . . . . . . . . . . . . . .
Total through all GND or VCC terminals
1 A
. . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ These values apply for tw ≤ 100 µs, duty cycle ≤ 20%.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
single-diode operation (see Note 2)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
To VCC
IF = 18 mA
0.85
1.05
VF
Static forward voltage
To VCC
IF = 50 mA
1.05
1.3
V
VF
Static forward voltage
From GND
IF = 18 mA
0.75
0.95
V
From GND
IF = 50 mA
0.95
1.2
VFM
Peak forward voltage
IF = 200 mA
1.45
V
IR
Static reverse current
To VCC
VR =7V
5
µA
IR
Static reverse current
From GND
VR = 7 V
5
µA
Ct
Total capacitance
VR = 0 V,
f = 1 MHz
8
16
pF
Ct
Total capacitance
VR = 2 V,
f = 1 MHz
4
8
pF
§ All typical values are at VCC = 5 V, TA = 25°C.
NOTE 2: Test conditions and limits apply separately to each of the diodes. The diodes not under test are open-circuited during the measurement
of these characteristics.
multiple-diode operation
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
I
Internal crosstalk current
Total IF current = 1 A,
See Note 3
0.8
2
mA
Ix
Internal crosstalk current
Total IF current = 198 mA,
See Note 3
0.02
0.2
mA
§ All typical values are at VCC = 5 V, TA = 25°C.
NOTE 3: Ix is measured under the following conditions with one diode static, all others switching:
Switching diodes: tw = 100 µs, duty cycle = 20%
Static diode: VR = 5 V
The static diode input current is the internal crosstalk current, Ix.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse recovery time
IF = 10 mA, IRM(REC) = 10 mA,
IR(REC) = 1 mA,
RL = 100 Ω
8
16
ns


Similar Part No. - SN74S1051DR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
SN74S1051 CALMIRCO-SN74S1051 Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
SN74S1051R CALMIRCO-SN74S1051R Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
SN74S1051T CALMIRCO-SN74S1051T Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
More results

Similar Description - SN74S1051DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI1-SN74S1052_16 Datasheet
613Kb / 12P
[Old version datasheet]   16BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com