Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31404-3410 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 31404-3410
Description  MX64 Single Row Sealed Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

31404-3410 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  31404-3410 Datasheet HTML 1Page - Molex Electronics Ltd. 31404-3410 Datasheet HTML 2Page - Molex Electronics Ltd. 31404-3410 Datasheet HTML 3Page - Molex Electronics Ltd. 31404-3410 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDERING INFORMATION
2.54mm (.100”) Pitch
MX64 Single Row
Sealed Connectors
31402, 31403, 31404
Order No.
Description
Color
Terminal System Used
31402-2100
1x2 Polorization A without CPA
Black
GET 34230 Series
31402-2200
1x2 Polorization B without CPA
Gray
GET 34230 Series
31402-2300
1x2 Polorization C without CPA
Brown
GET 34230 Series
31402-2400
1x2 Polorization D without CPA
Green
GET 34230 Series
31402-2110
1x2 Polorization A with CPA
Black
GET 34230 Series
31402-2210
1x2 Polorization B with CPA
Gray
GET 34230 Series
31402-2310
1x2 Polorization C with CPA
Brown
GET 34230 Series
31402-2410
1x2 Polorization D with CPA
Green
GET 34230 Series
31403-2100
1x2 Polorization A without CPA
Black
MX64 33467/33468 Series
31403-2200
1x2 Polorization B without CPA
Gray
MX64 33467/33468 Series
31403-2300
1x2 Polorization C without CPA
Brown
MX64 33467/33468 Series
31403-2400
1x2 Polorization D without CPA
Green
MX64 33467/33468 Series
31403-2110
1x2 Polorization A with CPA
Black
MX64 33467/33468 Series
31403-2210
1x2 Polorization B with CPA
Gray
MX64 33467/33468 Series
31403-2310
1x2 Polorization C with CPA
Brown
MX64 33467/33468 Series
31403-2410
1x2 Polorization D with CPA
Green
MX64 33467/33468 Series
31404-2100
1x2 Polorization A without CPA
Black
Kaizen
31404-2200
1x2 Polorization B without CPA
Gray
Kaizen
31404-2300
1x2 Polorization C without CPA
Brown
Kaizen
31404-2400
1x2 Polorization D without CPA
Green
Kaizen
31404-2110
1x2 Polorization A with CPA
Black
Kaizen
31404-2210
1x2 Polorization B with CPA
Gray
Kaizen
31404-2310
1x2 Polorization C with CPA
Brown
Kaizen
31404-2410
1x2 Polorization D with CPA
Green
Kaizen
Order No.
Description
Color
Terminal System Used
31402-3100
1x3 Polorization A without CPA
Black
GET 34230 Series
31402-3200
1x3 Polorization B without CPA
Gray
GET 34230 Series
31402-3300
1x3 Polorization C without CPA
Brown
GET 34230 Series
31402-3400
1x3 Polorization D without CPA
Green
GET 34230 Series
31402-3110
1x3 Polorization A with CPA
Black
GET 34230 Series
31402-3210
1x3 Polorization B with CPA
Gray
GET 34230 Series
31402-3310
1x3 Polorization C with CPA
Brown
GET 34230 Series
31402-3410
1x3 Polorization D with CPA
Green
GET 34230 Series
31403-3100
1x3 Polorization A without CPA
Black
MX64 33467/33468 Series
31403-3200
1x3 Polorization B without CPA
Gray
MX64 33467/33468 Series
31403-3300
1x3 Polorization C without CPA
Brown
MX64 33467/33468 Series
31403-3400
1x3 Polorization D without CPA
Green
MX64 33467/33468 Series
31403-3110
1x3 Polorization A with CPA
Black
MX64 33467/33468 Series
31403-3210
1x3 Polorization B with CPA
Gray
MX64 33467/33468 Series
31403-3310
1x3 Polorization C with CPA
Brown
MX64 33467/33468 Series
31403-3410
1x3 Polorization D with CPA
Green
MX64 33467/33468 Series
31404-3100
1x3 Polorization A without CPA
Black
Kaizen
31404-3200
1x3 Polorization B without CPA
Gray
Kaizen
31404-3300
1x3 Polorization C without CPA
Brown
Kaizen
31404-3400
1x3 Polorization D without CPA
Green
Kaizen
31404-3110
1x3 Polorization A with CPA
Black
Kaizen
31404-3210
1x3 Polorization B with CPA
Gray
Kaizen
31404-3310
1x3 Polorization C with CPA
Brown
Kaizen
31404-3410
1x3 Polorization D with CPA
Green
Kaizen
1-by-2 Connectors
1-by-3 Connectors


Similar Part No. - 31404-3410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31404-3110 MOLEX11-31404-3110 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3200 MOLEX4-31404-3200 Datasheet
720Kb / 6P
   2.54mm (.100") MX64??Sealed Single Row Crimp Housing, Kaizan Terminal, Gray, 3Circuits, Mating Part: Keying B, Lock None
31404-3200 MOLEX11-31404-3200 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3710 MOLEX11-31404-3710 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results

Similar Description - 31404-3410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31403-2210 MOLEX11-31403-2210 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-2600 MOLEX11-31403-2600 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3710 MOLEX11-31403-3710 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-3700 MOLEX11-31404-3700 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-3100 MOLEX11-31402-3100 Datasheet
53Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31404-6110 MOLEX11-31404-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-2710 MOLEX11-31402-2710 Datasheet
38Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31402-6110 MOLEX11-31402-6110 Datasheet
54Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-3700 MOLEX11-31403-3700 Datasheet
58Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
31403-6110 MOLEX11-31403-6110 Datasheet
55Kb / 1P
   2.54mm MX64 Sealed Single Row Crimp Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com