Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALN0460 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0460
Description  Internally Matched LNA Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0460 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0460 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0460 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0460 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0460 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
September 2007
plerowTM ALN0460
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-17.65
-28.31
35.10
0.31
0.743
20.85
36.59
126
4.6
-18.16
-28.85
35.23
0.32
0.731
21.07
36.99
132
4.7
-18.61
-29.39
35.34
0.32
0.741
21.30
37.55
138
4.8
-19.04
-29.83
35.42
0.32
0.728
21.48
37.97
144
4.9
-19.38
-30.36
35.51
0.31
0.733
21.70
38.45
149
5.0
-19.78
-30.70
35.60
0.32
0.713
21.77
38.93
155
5.1
-20.04
-30.91
35.65
0.32
0.750
21.99
39.37
160
5.2
-20.34
-31.24
35.72
0.32
0.734
22.17
39.66
165
5.3
-20.65
-31.56
35.79
0.32
0.738
22.41
39.83
171
5.4
-21.00
-31.94
35.87
0.32
0.758
22.66
40.04
178
5.5
-21.31
-32.35
35.93
0.32
0.748
22.82
40.08
185
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
°C
-26.12
-25.77
36.06
0.29
0.585
21.86
38.46
154
- 20
°C
-25.33
-25.81
35.89
0.30
0.625
21.76
37.97
155
0
°C
-24.23
-25.84
35.77
0.30
0.657
21.83
38.20
156
25
°C
-22.10
-25.40
35.63
0.30
0.715
21.68
37.93
155
40
°C
-21.32
-25.82
35.50
0.31
0.752
21.69
38.11
155
60
°C
-20.34
-26.09
35.39
0.30
0.807
21.61
38.22
154
80
°C
-19.37
-26.27
35.20
0.31
0.871
21.56
38.25
155
100
°C
-18.66
-26.67
34.91
0.32
0.936
21.50
38.19
157
RF Performance with Voltage Change
RF Performance with Operating Temperature


Similar Part No. - ALN0460

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALN0460 ASB-ALN0460 Datasheet
362Kb / 4P
   Internally Matched LNA Module
June 2017
ALN0460WT ASB-ALN0460WT Datasheet
504Kb / 4P
   Internally Matched LNA Module
November 2008
ALN0460WT ASB-ALN0460WT Datasheet
337Kb / 4P
   Internally Matched LNA Module
June 2017
ALN0460WT ASB-ALN0460WT_13 Datasheet
607Kb / 4P
   Internally Matched LNA Module
November 2008
ALN0460WT ASB-ALN0460WT_17 Datasheet
337Kb / 4P
   Internally Matched LNA Module
June 2017
More results

Similar Description - ALN0460

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2350T2 ASB-ALE2350T2 Datasheet
413Kb / 3P
   Internally Matched LNA Module
July 2009
ALE3025T2 ASB-ALE3025T2 Datasheet
415Kb / 3P
   Internally Matched LNA Module
April 2010
ALN0910 ASB-ALN0910 Datasheet
421Kb / 3P
   Internally Matched LNA Module
August 2011
ALN1220AT ASB-ALN1220AT Datasheet
443Kb / 4P
   Internally Matched LNA Module
June 2009
ALN1956 ASB-ALN1956_13 Datasheet
481Kb / 3P
   Internally Matched LNA Module
June 2010
ALN1972T2 ASB-ALN1972T2 Datasheet
597Kb / 3P
   Internally Matched LNA Module
January 2009
ALN2045 ASB-ALN2045_13 Datasheet
750Kb / 4P
   Internally Matched LNA Module
September 2007
ALN2047 ASB-ALN2047_13 Datasheet
620Kb / 3P
   Internally Matched LNA Module
November 2008
ALN2332 ASB-ALN2332_13 Datasheet
727Kb / 4P
   Internally Matched LNA Module
November 2008
ALN1880AT ASB-ALN1880AT_13 Datasheet
474Kb / 3P
   Internally Matched LNA Module
November 2008
ALN1945T2 ASB-ALN1945T2_13 Datasheet
618Kb / 3P
   Internally Matched LNA Module
December 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com