Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45719-0008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 45719-0008
Description  Power Edge??Power Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45719-0008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  45719-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 45719-0008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
12.90mm (.508”) Pitch
Power Edge™
Power Connector
45714 Vertical Assembly,
Press-Fit Tails
45719 Vertical Assembly,
Solder Tails
I Telecommunications Equipment
- Networking Hubs
- Switches
- Routers
I High and Mid-Range Computing Equipment
I Un-interruptible Power Supplies (UPS)
I Cellular Communications Equipment
- Base Stations
I DC-DC Converters
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/power/power_edge.html
Order No. USA-277
Printed in USA/JI/2004.11
©2004, Molex
ORDERING INFORMATION
Order No.
Segments
PCB Termination Type
PCB Thickness
45714-0001
2
Press Fit (Compliant Pin)
.093” (2.36mm) or Greater
45714-0002
3
Press Fit (Compliant Pin)
.093” (2.36mm) or Greater
45714-0003
4
Press Fit (Compliant Pin)
.093” (2.36mm) or Greater
45719-0001
2
Through Hole Solder Tails
.125” (3.18mm) Max.
45719-0002
3
Through Hole Solder Tails
.125” (3.18mm) Max.
45719-0003
4
Through Hole Solder Tails
.125” (3.18mm) Max.
45719-0004
2
Through Hole Solder Tails
.093” (2.36mm) Max.
45719-0005
3
Through Hole Solder Tails
.093” (2.36mm) Max.
45719-0006
4
Through Hole Solder Tails
.093” (2.36mm) Max.
45719-0007
2
Through Hole Solder Tails
.062” (1.57mm) Max.
45719-0008
3
Through Hole Solder Tails
.062” (1.57mm) Max.
45719-0009
4
Through Hole Solder Tails
.062” (1.57mm) Max.
Power Edge Connectors Mating to Bus Bar Tabs


Similar Part No. - 45719-0008

ManufacturerPart #DatasheetDescription
logo
MolexKits
45719-0008 MOLEXKITS-45719-0008 Datasheet
38Kb / 2P
   End to End Stackable PCB, Through Hole and Press-Fit Connector, 40A 250V
logo
Molex Electronics Ltd.
45719-0008 MOLEX6-45719-0008 Datasheet
251Kb / 5P
   12.90mm (.508") Pitch EXTreme PowerEdge, Connector, 3 Segments (6 Total Contacts)
More results

Similar Description - 45719-0008

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
PEC-07-02-T-S-A SAMTEC-PEC-07-02-T-S-A Datasheet
311Kb / 1P
   POWER EDGE CARD CONNECTOR
logo
Molex Electronics Ltd.
45911 MOLEX-45911 Datasheet
1Mb / 3P
   EXTreme PowerEdge??Card Edge Hybrid Power Connector
logo
Japan Aviation Electron...
ES3 JAE-ES3 Datasheet
291Kb / 5P
   LED Power Supply Card Edge Type Connector
logo
Molex Electronics Ltd.
0459110052 MOLEX6-0459110052 Datasheet
325Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge?? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Signal, Power, Power, Power Sequence)
logo
Assmann Electronics Inc...
A-P04PMMS-SC-WP ASSMANN-A-P04PMMS-SC-WP Datasheet
53Kb / 1P
   Waterproof Power Connector
A-P07BFFA-S180-WP ASSMANN-A-P07BFFA-S180-WP Datasheet
66Kb / 1P
   Waterproof Power Connector
logo
Cvilux Corporation
CP-01106010 CVILUX-CP-01106010 Datasheet
135Kb / 1P
   RECEPTACLE POWER CONNECTOR
logo
List of Unclassifed Man...
163-4312 ETC2-163-4312 Datasheet
27Kb / 1P
   DC Power Connector
logo
Tyco Electronics
4-1775099-2 MACOM-4-1775099-2 Datasheet
172Kb / 3P
   ATX Power Connector
logo
Molex Electronics Ltd.
0459120026 MOLEX1-0459120026_17 Datasheet
49Kb / 2P
   12.90mm Pitch EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Power, Signal, Power Sequence), Press-Fit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com