Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCU04ANSR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVCU04ANSR
Description  SN74LVCR2245A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCU04ANSR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVCU04ANSR Datasheet HTML 1Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 2Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 3Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 4Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 5Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 6Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 7Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 8Page - Texas Instruments SN74LVCU04ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
Y
A
Absolute Maximum Ratings
(1)
SN74LVCU04A
HEX INVERTER
SCAS282M – JANUARY 1993 – REVISED FEBRUARY 2005
LOGIC DIAGRAM, EACH INVERTER (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
D package
86
DB package
96
θ
JA
Package thermal impedance(4)
DGV package
127
°C/W
NS package
76
PW package
113
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2


Similar Part No. - SN74LVCU04ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCU04ANSR TI-SN74LVCU04ANSR Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ANSRE4 TI-SN74LVCU04ANSRE4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ANSRG4 TI-SN74LVCU04ANSRG4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com