Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCU04ADR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCU04ADR
Description  SN74LVCR2245A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCU04ADR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVCU04ADR Datasheet HTML 5Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 6Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 7Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 8Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 9Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 10Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 11Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 12Page - Texas Instruments SN74LVCU04ADR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SN74LVCU04ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCU04ADR TI-SN74LVCU04ADR Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ADRE4 TI-SN74LVCU04ADRE4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
SN74LVCU04ADRG4 TI-SN74LVCU04ADRG4 Datasheet
421Kb / 15P
[Old version datasheet]   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com