Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD-S40225M Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSD-S40225M
Description  0.4 Inch Dual Digit SMD Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-S40225M Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSD-S40225M Datasheet HTML 1Page - China Semiconductor Corporation CSD-S40225M Datasheet HTML 2Page - China Semiconductor Corporation CSD-S40225M Datasheet HTML 3Page - China Semiconductor Corporation CSD-S40225M Datasheet HTML 4Page - China Semiconductor Corporation CSD-S40225M Datasheet HTML 5Page - China Semiconductor Corporation CSD-S40225M Datasheet HTML 6Page - China Semiconductor Corporation CSD-S40225M Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.4 inch (10.16mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board.
Device Selection Guide -
Mechanical Dimensions -
Page
1/6
http://www.csctw.com.tw
Common Anode
A
Description
2. Qualified according to JEDEC moisture sensitivity Level 2a.
PS-DD-S40224/S40225M9
Model No CSD-S40224/S40225M9
CSD-S40225M9
AlGaInP
Chip
Emitting Color
Model No.
CSD-S40224M9
AlGaInP
Super Bright Green
Material
Super Bright Green Common Cathode


Similar Part No. - CSD-S40225M

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S40225A9 CHINASEMI-CSD-S40225A9 Datasheet
248Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40225B7 CHINASEMI-CSD-S40225B7 Datasheet
238Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40225G CHINASEMI-CSD-S40225G Datasheet
243Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40225S CHINASEMI-CSD-S40225S Datasheet
242Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40225T9 CHINASEMI-CSD-S40225T9 Datasheet
245Kb / 7P
   0.4 Inch Dual Digit SMD Display
More results

Similar Description - CSD-S40225M

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-S40224S CHINASEMI-CSD-S40224S Datasheet
242Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224V9 CHINASEMI-CSD-S40224V9 Datasheet
235Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228B7 CHINASEMI-CSD-S40228B7 Datasheet
233Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228M9 CHINASEMI-CSD-S40228M9 Datasheet
238Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224A9 CHINASEMI-CSD-S40224A9 Datasheet
248Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228A9 CHINASEMI-CSD-S40228A9 Datasheet
244Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228T9 CHINASEMI-CSD-S40228T9 Datasheet
239Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40224B7 CHINASEMI-CSD-S40224B7 Datasheet
238Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S4022T9 CHINASEMI-CSD-S4022T9 Datasheet
245Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228G CHINASEMI-CSD-S40228G Datasheet
240Kb / 7P
   0.4 Inch Dual Digit SMD Display
CSD-S40228V9 CHINASEMI-CSD-S40228V9 Datasheet
231Kb / 7P
   0.4 Inch Dual Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com