Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44812-0009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44812-0009
Description  2.54mm (.100?? Pitch KK짰 Low Profile PC Board Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44812-0009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44812-0009 Datasheet HTML 1Page - Molex Electronics Ltd. 44812-0009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54mm (.100”) Pitch
KK® Low Profile PC Board
Receptacle
44812
Top and Bottom Entry
Low Profile KK® Receptacle Combines Top and Bottom Header
Entry in One Connector
The new 44812 series Low Profile PC Board Connector is a significant step forward in updating the
KK product line to reflect customer’s needs in the 21st century. Utilizing terminal design features
from the SPOX™ family, Molex has been able to improve performance while shrinking the overall
package. The new design functions as both a top and bottom entry version, and retrofits into
existing KK .100” Pitch bottom entry PCB layouts. Overall connector height has been reduced by
almost 50%! The housing is made out of high temperature nylon for surface mount compatibility.
The new design also permits higher current ratings and a higher operating temperature.
Reference Information
Packaging: Tray
UL File No.: E29179
CSA File No.: LR 19980
Mates With: 4030, 4094, 42225, 42226, 42227,
42228, 42152, 42153, 42375, 42376, 42377,
42624
Designed In: Inches
Electrical
Voltage: 250 Volts AC (RMS)
176 Volts DC
Current: 5 Amperes
Contact Resistance: 30m
Ω max. initial
10m
Ω max. increase over initial
Dielectric Withstanding Voltage: 1,000V
Insulation Resistance: 1,000M
Mechanical
Contact Insertion Force: N/A
Contact Retention to Housing:15.6N min.
Insertion Force to PCB: Varies
Mating Force: 7.6N per contact max.
Unmating Force: 2.7N per contact min.
Durability: 25 cycles
Physical
Housing: Glass Filled 4/6 nylon
Contact: Copper Alloy
Plating: Contact Area – Tin or Gold
Solder Tail Area --Tin
Underplating -- Nickel
PCB Thickness: 0.062”
Operating Temperature: +105°C
SPECIFICATIONS
Features and Benefits
5.0A per line increases current carrying
capacity
Compact 4.5mm height above PC board
allows closer board stacking and is nearly
half the height of existing recptacles
Improved terminal design permits higher
operating temperatures, up to +105°C
Top and bottom entry mating provides
versatile design feature in one cost-conscious
style
Connector can be retrofitted into existing PC
board layouts which ensures convenient
transition with various mating headers
Surface-mount compatible housing
eliminates potential processing issues


Similar Part No. - 44812-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44812-0009 MOLEX6-44812-0009 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK PC Board Receptacle, Top and Bottom Entry, Low Profile, 5.0關m (200u")
More results

Similar Description - 44812-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0448120032 MOLEX6-0448120032 Datasheet
175Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
0448120023 MOLEX6-0448120023 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle
0448120015 MOLEX6-0448120015 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 5.0um (200u") Tin (Sn), 15 Circuits
0038001442 MOLEX3-0038001442 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 22 Circuits
0038001432 MOLEX3-0038001432 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 12 Circuits
0038001434 MOLEX3-0038001434 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 14 Circuits
0038001445 MOLEX3-0038001445 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 25 Circuits
0038001435 MOLEX3-0038001435 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 15 Circuits
0038001428 MOLEX3-0038001428 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 8 Circuits
0038001438 MOLEX3-0038001438 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 18 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com