Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDO1605TF-333M Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO1605TF-333M
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO1605TF-333M Datasheet(HTML) 1 Page - Central Technologies

  CTDO1605TF-333M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.22.07
L Test
DCR
SRF
Isat
Part
Inductance
Freq.
Max.
Ref.
Typ.
Irms
Number
(µH ±20%)
(kHz)
(
Ω
Ω)
(MHz)
(A)
(A)
CTDO1605TF-102M
1.0
100
.04
230
2.50
2.30
CTDO1605TF-152M
1.5
100
.06
180
2.20
2.10
CTDO1605TF-222M
2.2
100
.07
140
1.80
1.70
CTDO1605TF-332M
3.3
100
.10
110
1.40
1.30
CTDO1605TF-472M
4.7
100
.15
100
1.20
1.10
CTDO1605TF-682M
6.8
100
.20
80
1.10
1.00
CTDO1605TF-822M
8.2
100
.23
70
1.00
0.95
CTDO1605TF-103M
10
100
.27
60
1.00
0.90
CTDO1605TF-153M
15
100
.43
45
0.80
0.70
CTDO1605TF-223M
22
100
.65
35
0.60
0.50
CTDO1605TF-333M
33
100
.90
30
0.50
0.45
CTDO1605TF-473M
47
100
1.30
22
0.45
0.40
CTDO1605TF-683M
68
100
1.90
20
0.35
0.35
CTDO1605TF-104M
100
100
2.80
15
0.30
0.30
CTDO1605TF-154M
150
100
4.30
10
0.25
0.25
CTDO1605TF-224M
220
100
7.30
9
0.20
0.18
CTDO1605TF-334M
330
100
9.80
8
0.16
0.16
CTDO1605TF-474M
470
100
13.2
7
0.14
0.12
CTDO1605TF-684M
680
100
18.5
5
0.12
0.10
CTDO1605TF-105M
1000
100
30.0
4
0.08
0.08
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDO1605TF
Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters. Used in limited spaces and ultra-low profiles.
Operating Temperature: -40°C to +105°C
Inuctance Drop: 10% typ. at Isat
Testing: Inductance is tested on an HP4285A at 100 KHz, 0.1V
Packaging: Tape & Reel
Marking: Parts are marked with the inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
1.0
3.76
4.4
Unit: mm
Size
A
B
C
Max.
Max.
mm
5.8
4.25
1.8±0.2
inches
0.23
0.17
0.071±0.0079
XXX
Marking: Inductance Code
A
B
C
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTDO1605TF-333M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO1606T CT-CTDO1606T Datasheet
228Kb / 1P
   Power Inductors - Unshielded
CTDO1606T-102K CT-CTDO1606T-102K Datasheet
228Kb / 1P
   Power Inductors - Unshielded
CTDO1606T-102M CT-CTDO1606T-102M Datasheet
228Kb / 1P
   Power Inductors - Unshielded
CTDO1606T-103K CT-CTDO1606T-103K Datasheet
228Kb / 1P
   Power Inductors - Unshielded
CTDO1606T-103M CT-CTDO1606T-103M Datasheet
228Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO1605TF-333M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com