Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDO1813PF-561HC Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO1813PF-561HC
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO1813PF-561HC Datasheet(HTML) 1 Page - Central Technologies

  CTDO1813PF-561HC Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDO1813PF Please specify “F” for RoHS Compliant
L
DCR
SRF
Isat
Part
Inductance
Test Freq.
Max.
Typ.
Typ.
Irms
Number
(µH)
(kHz)
(
Ω)
(MHz)
(A)
(A)
CTDO1813P_-181HC
0.18
100
.003
800
14.0
10.0
CTDO1813P_-331HC
0.33
100
.004
600
10.0
7.0
CTDO1813P_-561HC
0.56
100
.010
200
7.7
6.0
CTDO1813P_-122HC
1.2
100
.017
140
5.3
4.4
CTDO1813P_-162HC
1.6
100
.025
100
4.5
4.2
CTDO1813P_-222HC
2.2
100
.035
100
3.5
3.1
CTDO1813P_-332HC
3.3
100
.043
80
3.0
2.7
CTDO1813P_-472HC
4.7
100
.054
50
2.6
2.2
CTDO1813P_-682HC
6.8
100
.09
45
2.2
1.8
CTDO1813P_-103HC
10
100
.11
40
1.9
1.5
CTDO1813P_-153HC
15
100
.17
30
1.5
1.2
CTDO1813P_-223HC
22
100
.25
25
1.2
1.0
CTDO1813P_-333HC
33
100
.36
20
.99
.82
CTDO1813P_-473HC
47
100
.47
15
.87
.72
CTDO1813P_-683HC
68
100
.73
7
.67
.56
CTDO1813P_-104HC
100
100
1.11
5
.53
.47
CTDO1813HC Series
From .18 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters. Step up & step down converters and flash
memory programmers
Operating Temperature:-40°C to +85°C
Inductance Tolerance: ±20%
Inductance Drop: 30% typically at Isat
∆∆ T: 40°C typically at Irms
Testing: Inductance is tested on an HP4285A @ 100kHz / 0.25
Vrms
Packaging: Tape & Reel
Marking: Color dots
Miscellaneous: RoHS Compliant available. Electrical specifications
at 25°C
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
Max.
Max.
Max.
mm
8.89
6.10
5.00
5.84
4.57
inches
0.350
0.240
0.197
0.230
0.180
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTDO1813PF-561HC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO1813HCF CT-CTDO1813HCF Datasheet
228Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO1813PF-561HC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com