Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCC3245APWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCC3245APWR
Description  OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC3245APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVCC3245APWR Datasheet HTML 2Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 3Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 4Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 5Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 6Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 7Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 8Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 9Page - Texas Instruments SN74LVCC3245APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
Power-Up Considerations(1)
SN74LVCC3245A
OCTAL BUS TRANSCEIVER
WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS585O – NOVEMBER 1996 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
VCCA = 2.5 V
VCCA = 2.7 V TO
VCCA = 2.7 V TO
± 0.2 V,
3.6 V,
3.6 V,
FROM
TO
VCCB = 3.3 V
VCCB = 5 V
VCCB = 3.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.5 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
tPHL
1
9.4
1
6
1
7.1
A
B
ns
tPLH
1
9.1
1
5.3
1
7.2
tPHL
1
11.2
1
5.8
1
6.4
B
A
ns
tPLH
1
9.9
1
7
1
7.6
tPZL
1
14.5
1
9.2
1
9.7
OE
A
ns
tPZH
1
12.9
1
9.5
1
9.5
tPZL
1
13
1
8.1
1
9.2
OE
B
ns
tPZH
1
12.8
1
8.4
1
9.9
tPLZ
1
7.1
1
7
1
6.6
OE
A
ns
tPHZ
1
6.9
1
7.8
1
6.9
tPLZ
1
8.8
1
7.3
1
7.5
OE
B
ns
tPHZ
1
8.9
1
7
1
7.9
V
CCA = 3.3 V, VCCB = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Outputs enabled
38
Cpd
Power dissipation capacitance per transceiver
CL = 50,
f = 10 MHz
pF
Outputs disabled
4.5
TI level-translation devices offer an opportunity for successful mixed-voltage signal design. A proper power-up
sequence always should be followed to avoid excessive supply current, bus contention, oscillations, or other
anomalies caused by improperly biased device pins. To guard against such power-up problems, take these
precautions:
1. Connect ground before any supply voltage is applied.
2. Power up the control side of the device (VCCA for all four of these devices).
3. Tie OE to VCCA with a pullup resistor so that it ramps with VCCA.
4. Depending on the direction of the data path, DIR can be high or low. If DIR high is needed (A data to B bus),
ramp it with VCCA. Otherwise, keep DIR low.
(1)
Refer to the TI application report, Texas Instruments Voltage-Level-Translation Devices, literature number SCEA021.
6


Similar Part No. - SN74LVCC3245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC3245APWR TI1-SN74LVCC3245APWR Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
SN74LVCC3245APWRE4 TI1-SN74LVCC3245APWRE4 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
SN74LVCC3245APWRG4 TI1-SN74LVCC3245APWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
More results

Similar Description - SN74LVCC3245APWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_05 Datasheet
106Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP Datasheet
654Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_15 Datasheet
134Kb / 13P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245A RENESAS-HD74LVCC3245A Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC3245 TI-SN74LVCC3245 Datasheet
111Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com