Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90578 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 90578
Description  KK Mini -2.50mm & 2.54mm Modular Interconnection System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

90578 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  90578 Datasheet HTML 1Page - Molex Electronics Ltd. 90578 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
Tel: 65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel: 630-969-4550
Visit our Web site at http: //www.molex.com
MUN/E033/REV2
Printed in Germany/2K/whp/whp/2003.05
©Molex Services, 2003
APPLICATIONS
Consumer / Whitegoods
Car Stereos, Lighting Panels, Control Panels
Kitchen Appliances, Whirlpools, Refrigerators
Security / Vending
Alarms, Garage Doors, Cameras
Lottery Machines, Slot / Pinball Machines, Coin Changers
Datacomm / Professional
ATM Machines, PC’s, Workstations, Monitors
Medical / Office Equipment
Heart Monitors, Dental Equipment, Defibilators
Projectors, Copiers, Printers, Fax Machines
Industrial
Elevators, Escalators, Air Conditioning, Central Heating
Power Supplies, Industrial Equipment, Lighting Systems
KEY FEATURES
Available on 2.50 mm and 2.54 mm center spacings
Polarisation via insertable keys and pegs
Allows connections anywhere on the board
Double cantilever style terminal
Selective gold plating options
End-to-end stacking capabilities
Many circuit sizes
Locking ramp for improved mated retention with locking headers
Accepts KK gas tight crimp terminals
IDT option available
See Molex catalog or www.molex.com for details
KK Mini®
2.50mm & 2.54mm
Modular Interconnection
System
Wire-to-Board and Board-to-Board interconnection system
Housing
Nylon UL 94V-0 & UL 94V-2
Contact material
Brass or Phosphor Bronze
Plating
Tin & Gold
Voltage
250 Volts
Current rating
up to 4.0A
Mating force
1.95 N maximum per circuit
Unmating force
0.56 N minimum per circuit
Temperature operating
0° to +75° C
Temperature non operating
–40° to +105° C
Specs vary by product. Please see catalog for details.
TECHNICAL INFORMATION


Similar Part No. - 90578

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9057 ETC1-9057 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
9057 ETC2-9057 Datasheet
100Kb / 2P
   INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9057 HEYCO-9057 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
90571-1101 MOLEX10-90571-1101 Datasheet
294Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.1 關m Gold (Au)
90571-1102 MOLEX10-90571-1102 Datasheet
294Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.76 關m Gold (Au)
More results

Similar Description - 90578

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3192 MOLEX-3192 Datasheet
66Kb / 2P
   KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com