Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC863ADW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC863ADW
Description  9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC863ADW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC863ADW Datasheet HTML 1Page - Texas Instruments SN74LVC863ADW Datasheet HTML 2Page - Texas Instruments SN74LVC863ADW Datasheet HTML 3Page - Texas Instruments SN74LVC863ADW Datasheet HTML 4Page - Texas Instruments SN74LVC863ADW Datasheet HTML 5Page - Texas Instruments SN74LVC863ADW Datasheet HTML 6Page - Texas Instruments SN74LVC863ADW Datasheet HTML 7Page - Texas Instruments SN74LVC863ADW Datasheet HTML 8Page - Texas Instruments SN74LVC863ADW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74LVC863A
9-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS310G – MARCH 1993 – REVISED JUNE 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
D Power Off Disables Outputs, Permitting
Live Insertion
D Supports Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
3.3-V VCC)
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages
description
This 9-bit bus transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC863A is designed for asynchronous communication between data buses. The control-function
implementation allows for maximum flexibility in timing.
This device allows data transmission from the A bus to the B bus or from the B bus to the A bus, depending on
the logic levels at the output-enable (OEAB and OEBA) inputs.
The outputs are in the high-impedance state during power-up and power-down conditions. The outputs remain
in the high-impedance state while the device is powered down.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN74LVC863A is characterized for operation from –40
°C to 85°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OEBA1
A1
A2
A3
A4
A5
A6
A7
A8
A9
OEBA2
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
OEAB2
OEAB1


Similar Part No. - SN74LVC863ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
280Kb / 13P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
929Kb / 17P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861ADB TI-SN74LVC861ADB Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861ADBLE TI-SN74LVC861ADBLE Datasheet
280Kb / 13P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC863ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABT863 TI-SN54ABT863 Datasheet
264Kb / 12P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT863 PHILIPS-74ABT863 Datasheet
103Kb / 12P
   9-bit bus transceiver 3-State
1998 Jan 16
logo
Texas Instruments
SN54BCT29863B TI-SN54BCT29863B Datasheet
78Kb / 5P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT863 TI-SN54ABT863_08 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com