Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z7N700-RC-10 Datasheet(PDF) 1 Page - Superworld Electronics

Part # Z7N700-RC-10
Description  FERRITE CHIP BEADS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z7N700-RC-10 Datasheet(HTML) 1 Page - Superworld Electronics

  Z7N700-RC-10 Datasheet HTML 1Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 2Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 3Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 4Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 5Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 6Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 7Page - Superworld Electronics Z7N700-RC-10 Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Z 7 B 2 5 0 - R C - 1 0
(a) (c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Material code
(a) Series code
2. CONFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Body : Ferrite
(b) Termination : Ag/Ni/Sn
a
3. SCHEMATIC :
(e) R : Reel
(f) Current code : C = 300mA
5. GENERAL SPECIFICATION :
b) Rated current : Base on temp. rise
a) Temp. rise : 30°C Max.
Z7 SERIES
FERRITE CHIP BEADS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
04.07.2008
PCB Pattern
G
3.20±0.20
BD
2.57 Ref.
4.22 Ref.
5.90 Ref.
GH
L
Unit:m/m
L
4.50±0.20
A
C
1.50±0.20
A
D
B
0.50±0.30
b
Ag(100%)
Ni(100%)-1.5um(min.)
Sn(100%)-3.0um(min.)
c) Storage temp. : -55°C to +125°C
d) Operating temp. : -55°C to +125°C
e) Resistance to solder heat : 260°C.10secs
(f)
(g)
(g) 10 : Lead Free
(d) Impedance code : 250 = 25


Similar Description - Z7N700-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com