Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G04DCKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G04DCKT
Description  SINGLE INVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G04DCKT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G04DCKT Datasheet HTML 1Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 2Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 3Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 4Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 5Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 6Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 7Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 8Page - Texas Instruments SN74LVC1G04DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
A
Y
2
4
A
Y
1
3
SN74LVC1G04
SINGLE INVERTER GATE
SCES214S – APRIL 1999 – REVISED OCTOBER 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G04YEAR
0.17-mm Small Bump – YEA
NanoFree™ – WCSP (DSBGA)
0.17-mm Small Bump – YZA
SN74LVC1G04YZAR
(Pb-free)
_ _ _CC_
NanoStar™ – WCSP (DSBGA)
SN74LVC1G04YEPR
0.23-mm Large Bump – YEP
Reel of 3000
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74LVC1G04YZPR
(Pb-free)
–40
°C to 85°C
NanoStar™ – WCSP (DSBGA)
0.23-mm Large Bump – YZV
SN74LVC1G04YZVR
PREVIEW
(Pb-free)
Reel of 3000
SN74LVC1G04DBVR
SOT (SOT-23) – DBV
C04_
Reel of 250
SN74LVC1G04DBVT
Reel of 3000
SN74LVC1G04DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G04DCKT
CC_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G04DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP/YZV: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and
one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
(DBV, DCK, DRL, YEA, YEP, YZA, AND YZP PACKAGE)
LOGIC DIAGRAM (POSITIVE LOGIC)
(YZV PACKAGE)
2


Similar Part No. - SN74LVC1G04DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G04DCKT TI-SN74LVC1G04DCKT Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04DCKT TI-SN74LVC1G04DCKT Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04DCKT TI1-SN74LVC1G04DCKT Datasheet
1Mb / 41P
[Old version datasheet]   SN74LVC1G04 Single Inverter Gate
SN74LVC1G04DCKT TI1-SN74LVC1G04DCKT Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
SN74LVC1G04DCKTE4 TI-SN74LVC1G04DCKTE4 Datasheet
781Kb / 19P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - SN74LVC1G04DCKT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com