Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z2C471-RB-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z2C471-RB-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z2C471-RB-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z2C471-RB-10 Datasheet HTML 1Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 2Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 3Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 4Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 5Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 6Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 7Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 8Page - Superworld Electronics Z2C471-RB-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
10
100
1000
FREQUENCY(MHz)
0
100
200
300
400
500
600
FCM1608C-151T03
Z
R
X
Z2C 151-RC -00
Z2C151-RC-10
SUPERWORLD ELECTRONICS (S) PTE LTD
FERRITE CHIP BEADS
Z2 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
03.07.2008
6. ELECTRICAL CHARACTERISTICS :
7. IMPEDANCE VS. FREQUENCY CURVES :
470 ±25%
0603
Z2C471-RB-10
Z2C102-RA-10
Z2C601-RB-10
600 ±25%
1000 ±25%
0603
0603
Z2C221-RC-10
Z2C301-RB-10
Z2C121-RC-10
Z2C151-RC-10
Z2C600-RF-10
Z2C300-RF-10
Part Number
220 ±25%
300 ±25%
150 ±25%
120 ±25%
Impedance
60 ±25%
30 ±25%
0603
0603
0603
0603
0603
0603
Size
EIA
(
)
200
0.85
100
100
100
1.50
1.20
150
80
DC Resistance
Test
100
100
100
100
( MHz )
Frequency
100
100
0.40
0.60
0.80
0.40
Max.
(
)
0.30
0.25
Rated Current
250
200
300
300
600
600
Max.
( mA )
1
10
100
1000
FREQUENCY(MHz)
0
30
60
90
120
150
FCM1608C-300T06
Z
R
X
Z2C 300-R F -00
Z2C300-RF-10
1
10
100
1000
FREQUENCY(MHz)
0
60
120
180
240
300
FCM1608C-600T06
Z
R
X
Z2C 600-RF -00
Z2C600-RF-10
110
100
1000
FREQUENCY(MHz)
0
100
200
300
400
FCM1608C-121T03
Z
R
X
Z2C 121-RC -00
Z2C121-RC-10
Packaging : Paper Carrier Tape


Similar Part No. - Z2C471-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
More results

Similar Description - Z2C471-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com