Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7N820-J-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # V7N820-J-10
Description  HIGH VOLTAGE CHIP CAPACITORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

V7N820-J-10 Datasheet(HTML) 6 Page - Superworld Electronics

Back Button V7N820-J-10 Datasheet HTML 2Page - Superworld Electronics V7N820-J-10 Datasheet HTML 3Page - Superworld Electronics V7N820-J-10 Datasheet HTML 4Page - Superworld Electronics V7N820-J-10 Datasheet HTML 5Page - Superworld Electronics V7N820-J-10 Datasheet HTML 6Page - Superworld Electronics V7N820-J-10 Datasheet HTML 7Page - Superworld Electronics V7N820-J-10 Datasheet HTML 8Page - Superworld Electronics V7N820-J-10 Datasheet HTML 9Page - Superworld Electronics V7N820-J-10 Datasheet HTML 10Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
15.01.2008
HIGH VOLTAGE CHIP CAPACITORS
V7N SERIES
7. RELIABILITY & TEST CONDITION :
Resistance to Soldering Heat
Humidity
Temperature Cycle
ITEM
Solderability
Measure at room temp. after cooling for
Class II capacitor shall be set for 48±4 hrs at room
temp. after 1 hr heat treatment at 150+0/-10°C before
Solder the capacitor on P.C. board before testing
Solder the capacitor on P.C. board before testing
temp. after 1 hr heat treatment at 150+0/-10°C before
Class II capacitor shall be set for 48±4 hrs at room
30
30
Time (min)
No mechanical damage shall be occur
Within ±30%
value
Capacitance change
Within ±5.0% or ±0.5pF
whichever is larger of initial
Capacitance change
Within ±15%
Z/E
Char.
Class II :
X
Char.
Class I :
N
Temperature : 40±2°C
Relative Humidity : 90~95% RH
Test Time : 500 +12/-0 hr
Measure at room temp. after cooling for
Class II : 48±4 hrs
Class I : 24±2 hrs
initial measure.
Insulation Resistance & Withstand Voltage :
N
whichever is larger of initial
Within ±20%
Within ±7.5%
Capacitance change
value
To satisfy the specified initial value
Insulation Resistance :
Q(Class I), Tan (Class II) &
Y/Z/E
Appearance :
Class II :
X/B
Char.
Within ±20%
Capacitance change
Within ±2.5% or ±0.25pF
No mechanical damage shall be occur
To satisfy the specified initial value
Q(Class I), Tan (Class II),
Within ±10%
Class I :
Char.
Appearance :
Z/E
X
25
2
3
Measure at room temp. after cooling for
Class II : 48±4 hrs
Min. rated temp. +3/-0
Class I : 24±2 hrs
4
3
25
3
Class II : 48±4 hrs
Min. rated temp. +0/-3
Temp. (°C)
Step
initial measure.
1
Class I : 24±2 hrs
Class II capacitor shall be set for 48±4 hrs at room
temp. after 1 hr heat treatment at 150+0/-10°C before
TEST CONDITION
soldered newly, so metal part does not come
More than 90% of the terminal surface is to be
value
whichever is larger of initial
Capacitance change
No mechanical damage shall be occur
Capacitance change
Within ±2.5% or ±0.25pF
Char.
Class II :
Char.
N
Class I :
Appearance :
PERFORMANCE
out or dissolve
Flux : Rosin
Immersing speed : 25±10% mm/s
Preheat : At 80~120°C for 10~30sec
Preheat : At 150±10°C for 60~120sec
Dip Time : 10±1sec
Dip : Solder Temp. of 260±5°C
Solder : H63A
Flux : Rosin
initial measure.
Immersing Speed : 25±10% mm/s
Dip Time : 5±0.5sec
Solder Temp. : 245±5°C
Solder : H63A


Similar Part No. - V7N820-J-10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7NB-30A180 BEL-V7NB-30A180 Datasheet
144Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / Programmable Output / 30A VRM 9.0 Compatible
V7NB-60A16 BEL-V7NB-60A16 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - V7N820-J-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8X102-C-10 SUPERWORLD-V8X102-C-10 Datasheet
401Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
V4N2R0-B-10 SUPERWORLD-V4N2R0-B-10 Datasheet
470Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V8N101-J-10 SUPERWORLD-V8N101-J-10 Datasheet
326Kb / 9P
   HIGH VOLTAGE CHIP CAPACITORS
V3N2R0-B-10 SUPERWORLD-V3N2R0-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V4X102-B-10 SUPERWORLD-V4X102-B-10 Datasheet
473Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
V5X103-B-10 SUPERWORLD-V5X103-B-10 Datasheet
399Kb / 11P
   HIGH VOLTAGE CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com